Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL17SG373 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SG373
Description  Low-Power D-Type Low-Power D-Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SG373_18 Datasheet HTML 1Page - ON Semiconductor NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2018 − Rev. 2
1
Publication Order Number:
NL17SG373/D
NL17SG373
Low-Power D-Type
Transparent Latch with
3-State Output
The NL17SG373 MiniGate
™ is an advanced high−speed CMOS
D−Type Transparent Latch with 3−State Output in ultra−small
footprint.
The NL17SG373 input structures provide protection when voltages
up to 5.5 V are applied, regardless of the supply voltage.
This device is fully specified for partial power−down applications
using IOFF. The IOFF circuitry disables the output, preventing the
damaging backflow current through the device when it is powered
down.
Features
Wide Operating VCC Range: 0.9 V to 3.6 V
High Speed: tPD = 2.4 ns (Typ) @ VCC = 3.0 V, CL = 15 pF
Low Power Dissipation: ICC = 0.5 mA (Max) at TA = 25°C
5.5 V Overvoltage Tolerant (OVT) Input Pins
Ultra−Small Packages
These Devices are Pb−Free and are RoHS Compliant
Figure 1. SC88 (Top View)
Figure 2. Logic Symbol
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88
DF SUFFIX
CASE 419B
PIN ASSIGNMENT
1
2
3D
LE
GND
4
5VCC
Q
OE
6
www.onsemi.com
1
6
AG
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
AG M
G
G
Pin
Function


Similar Part No. - NL17SG373_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG373A ONSEMI-NL17SG373A Datasheet
275Kb / 11P
D-Type Transparent Latch with 3-State Output
July, 2021 - Rev. 0
NL17SG373DFT2G ONSEMI-NL17SG373DFT2G Datasheet
119Kb / 10P
Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
More results

Similar Description - NL17SG373_18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
100350 FAIRCHILD-100350 Datasheet
74Kb / 7P
Low Power Hex D-Type Latch
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
Low Power Hex D-Type Flip-Flop
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
Low-power D-type transparent latch; 3-state
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com