Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL17SG373 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SG373
Description  Low-Power D-Type Low-Power D-Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SG373_18 Datasheet HTML 1Page - ON Semiconductor NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NL17SG373
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC (V)
TA = 255C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level
Input Voltage
0.9
VCC
VCC
V
1.1 to 1.3
0.7 x
VCC
0.7 x
VCC
1.4 to 1.6
0.65 x
VCC
0.65 x
VCC
1.65 to
1.95
0.65 x
VCC
0.65 x
VCC
2.3 to 2.7
1.7
1.7
3.0 to 3.6
2.0
2.0
VIL
Low−Level
Input Voltage
0.9
GND
GND
V
1.1 to 1.3
0.3 x
VCC
0.3 x
VCC
1.4 to 1.6
0.35 x
VCC
0.35 x
VCC
1.65 to
1.95
0.35 x
VCC
0.35 x
VCC
2.3 to 2.7
0.7
0.7
3.0 to 3.6
0.8
0.8
VOH
High−Level
Output
Voltage
VIN =
VIH or
VIL
IOH = −20 mA
0.9
0.75
0.75
V
IOH = −0.3 mA
1.1 to 1.3
0.75 x
VCC
0.75 x
VCC
IOH = −1.7 mA
1.4 to 1.6
0.75 x
VCC
0.75 x
VCC
IOH = −3.0 mA
1.65 to
1.95
VCC
0.45
VCC
0.45
IOH = −4.0 mA
2.3 to 2.7
2.0
2.0
IOH = −8.0 mA
3.0 to 3.6
2.48
2.48
VOL
Low−Level
Output
Voltage
VIN =
VIH or
VIL
IOL = 20 mA
0.9
0.1
0.1
V
IOL = 0.3 mA
1.1 to 1.3
0.25 x
VCC
0.25 x
VCC
IOL = 1.7 mA
1.4 to 1.6
0.25 x
VCC
0.25 x
VCC
IOL = 3.0 mA
1.65 to
1.95
0.45
0.45
IOL = 4.0 mA
2.3 to 2.7
0.4
0.4
IOL = 8.0 mA
3.0 to 3.6
0.4
0.4
IIN
Input
Leakage
Current
0
≤ VIN ≤ 3.6 V
0 to 3.6
±0.1
±0.5
mA
ICC
Quiescent
Supply
Current
VIN = VCC or GND
3.6
0.5
10
mA
IOZ
3−State
Output
Leakage
Current
VIN = VIH or VIL;
VOUT = 0 to 3.6 V
0.9 to 3.6
0.1
1
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com