Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL17SG373 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL17SG373
Description  Low-Power D-Type Low-Power D-Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor NL17SG373_18 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NL17SG373
www.onsemi.com
8
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Figure 6. tSU, tH Waveforms (D to LE)
MEASUREMENT POINTS FOR FIGURES 4, 5 AND 6
Supply Voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.9 V to 3.6 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Figure 7. tPLZ, tPHZ, tPZH, tPZL Waveforms (OE to Q)
MEASUREMENT POINTS FOR FIGURE 7
Supply Voltage
Input
Output
VCC
VM
VI
tr = tf
VM
VX
VY
0.9 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.1 V
VOH − 0.1 V
1.1 V to 1.3 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.1 V
VOH − 0.1 V
1.4 V to 1.6 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.1 V
VOH − 0.1 V
1.65 V to 1.95 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.15 V
VOH − 0.15
V
2.3 V to 2.7 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.15 V
VOH − 0.15
V
3.0 V to 3.6 V
0.5 x VCC
VCC
≤ 3.0 ns
0.5 x VCC
VOL + 0.3 V
VOH − 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com