Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NL17SG373 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SG373
Description  Low-Power D-Type Low-Power D-Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SG373_18 Datasheet HTML 1Page - ON Semiconductor NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NL17SG373
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Unit
TA =
−55
5C to +1255C
TA = 25 5C
VCC (V)
Test Condition
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC (V)
Test Condition
Parameter
tPZH,
tPZL
Output Enable
Time, OE to Q
CL = 10 pF,
RL = 5 kW
0.9
18.9
ns
1.1 to 1.3
6.0
10.2
1
10.6
1.4 to 1.6
4.5
6.5
1
7.0
1.65 to
1.95
3.9
5.4
1
5.8
2.3 to 2.7
2.5
3.5
1
3.8
3.0 to 3.6
2.1
2.7
1
3
CL = 15 pF,
RL = 5 kW
0.9
22
ns
1.1 to 1.3
6.8
11.6
1
12.1
1.4 to 1.6
5.1
7.2
1
7.9
1.65 to
1.95
4.4
6.1
1
6.5
2.3 to 2.7
2.9
3.9
1
4.2
3.0 to 3.6
2.3
3
1
3.3
CL = 30 pF,
RL = 5 kW
0.9
31.8
ns
1.1 to 1.3
9.1
15.7
1
16.2
1.4 to 1.6
6.7
9.5
1
10.5
1.65 to
1.95
5.7
7.9
1
8.6
2.3 to 2.7
3.8
5
1
5.5
3.0 to 3.6
2.9
3.8
1
4.2
tPHZ,
tPLZ
Output Disable
Time, OE to Q
CL = 10 pF,
RL = 5 kW
0.9
11.3
ns
1.1 to 1.3
5.3
8.3
1
8.4
1.4 to 1.6
4.1
5.8
1
6.1
1.65 to
1.95
4.2
5.7
1
5.9
2.3 to 2.7
3.0
4
1
4.2
3.0 to 3.6
3.4
4.7
1
5
CL = 15 pF,
RL = 5 kW
0.9
11
ns
1.1 to 1.3
5.8
8.2
1
11
1.4 to 1.6
3.9
5.9
1
8
1.65 to
1.95
4.5
6.6
1
7.4
2.3 to 2.7
3.2
4.3
1
5.1
3.0 to 3.6
4.8
6.2
1
6.7
CL = 30 pF,
RL = 5 kW
0.9
17.7
ns
1.1 to 1.3
9.9
15.7
1
16
1.4 to 1.6
7.7
10.8
1
11.6
1.65 to
1.95
6
12.9
1
12.9
2.3 to 2.7
5
9.1
1
9.5
3.0 to 3.6
4
12.5
1
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com