| Electronic Components Datasheet Search |
|
STM32F479 Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479 Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 91 page ![]() DocID029237 Rev 2 49/91 AN4861 Creating a graphical application with LTDC 89 performances and may lead to system errors (if the LTDC framebuffer is located in external memory and/or if the Quad-SPI memory is used for graphics). • The Cortex®-M7 CPU embeds an L1-Cache (see Figure 10). Some graphic issues may be encountered due to unsuitable cache settings; bad graphic visual effects may occur if cache maintenance is not properly performed. If the suitable cache maintenance method is not used, graphical performances may be impacted. 4.6.1 Disable FMC bank1 if not used After reset, the FMC bank1 is always enabled to allow boot into external memories. Since the Cortex®-M7 is doing some speculations, it can generate a speculative read access to the first FMC bank. The default FMC configuration being very slow, this speculative access blocks the access to the FMC by other AHB masters for a very long time, leading to underrun on the LTDC side. To prevent this CPU speculative read accesses on the FMC bank1, it is recommended to disable it when it is not used. This can be done by resetting the MBKEN Bit in FMC_BCR1 register which is by default enabled after reset. To disable the FMC Bank1, the user can use the following code: /* Disabling FMC Bank1: After reset FMC_BCR1 = 0x000030DB where MBKEN = 1b meaning that FMC_Bank1 is enabled and MTYP[1:0]= 10 meaning that memory type is set to NOR Flash/OneNAND Flash*/ FMC_Bank1->BTCR[0] = 0x000030D2; For more details on FMC configuration refer to the relevant STM32 reference manual. 4.6.2 Configure the memory protection unit (MPU) This section defines the STM32F7 Series system memory attributes and the basic MPU concepts. It also describes how to configure the MPU in order to prevent graphical performance issues related to the Cortex®-M7 speculative read accesses and cache maintenance. Note: This section is only describing some necessary basic MPU concepts needed for configuration. For further details on MPU and cache, refer to the following documents: - AN4838 application note “Managing memory protection unit (MPU) in STM32 MCUs” - AN4839 application note “Level 1 cache on STM32F7 Series” - STM32F7 Series Cortex®-M7 processor programming manual (PM0253) - ARM Cortex®-M7 technical reference manual. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |