Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F479 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 33Page - STMicroelectronics STM32F479 Datasheet HTML 34Page - STMicroelectronics STM32F479 Datasheet HTML 35Page - STMicroelectronics STM32F479 Datasheet HTML 36Page - STMicroelectronics STM32F479 Datasheet HTML 37Page - STMicroelectronics STM32F479 Datasheet HTML 38Page - STMicroelectronics STM32F479 Datasheet HTML 39Page - STMicroelectronics STM32F479 Datasheet HTML 40Page - STMicroelectronics STM32F479 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
DocID029237 Rev 2
37/91
AN4861
Creating a graphical application with LTDC
89
Table 10 lists the maximal supported pixel clock at system level for the STM32F4x9 line and
Table 11 lists the maximal supported pixel clock at system level for the STM32F7x6,
STM32F7x7, STM32F7x8 and STM32F7x9 lines in the following conditions:
For the STM32F4x9 line the system clock HCLK is running @ 180 MHz and the
SDRAM is @ 90 MHz.
For the STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9 lines the system
clock HCLK is running @ 200 MHz and the SDRAM is @ 100 MHz.
One or two AHB masters concurrent access to SDRAM (LTDC or LTDC+DMA2D).
The SDRAM bus width is 16-bit or 32-bit.
Either only one LTDC layer or two layers are used.
The LTDC layer color depth is 8 bpp, 16 bpp, 24 bpp or 32 bpp.
Table 10. STM32F4x9 with HCLK @ 180 MHz and SDRAM @ 90 MHz
maximal supported pixel clock versus LTDC configuration and SDRAM bus width
Used LTDC layers
Color depth
(bpp)
Maximum pixel clock (MHz)
LTDC
LTDC + DMA2D
SDRAM 16-bit
SDRAM 32-bit
SDRAM 16-bit
SDRAM 32-bit
1 layer
32
38
67
22
35
24
51
83
30
47
16
76
83
45
70
8
8383
8383
2 layers
32/32
19
33
NA
18
32/24
2238
1321
32/16
2544
1525
32/8
3053
1930
24/24
2644
1524
24/16
3153
1830
24/8
3867
2338
16/16
3967
2237
16/8
5183
3150
8/8
7883
4674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com