Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F479 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 60Page - STMicroelectronics STM32F479 Datasheet HTML 61Page - STMicroelectronics STM32F479 Datasheet HTML 62Page - STMicroelectronics STM32F479 Datasheet HTML 63Page - STMicroelectronics STM32F479 Datasheet HTML 64Page - STMicroelectronics STM32F479 Datasheet HTML 65Page - STMicroelectronics STM32F479 Datasheet HTML 66Page - STMicroelectronics STM32F479 Datasheet HTML 67Page - STMicroelectronics STM32F479 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
LTDC application examples
AN4861
64/91
DocID029237 Rev 2
6.2
Example: creating a basic graphical application
This section provides an example based on the STM32F746G-DISCO board describing the
steps required to create a basic graphic application.
6.2.1
Hardware description
The hardware resources embedded on the STM32F746G-DISCO board are used in this
example. Figure 33 describes the graphic hardware resources to be used:
Figure 33. Graphic hardware configuration in the STM32F746G-DISCO
1. The pink arrow shows the pixel data path to the display.
The STM32F746G-DISCO board embeds a parallel true color RGB888 LCD-TFT panel with
a 480 x 272 resolution.
For more details on the STM32F746G-DISCO board, please refer to user manual Discovery
kit for STM32F7 Series with STM32F746NG MCU (UM1907) available on the ST
Microelectronics website.
Figure 34 shows the ROCKTECH RK043FN48H true color panel (RGB888) connected to
the STM32F746 MCU.
2. 400x400 and 320 x 320 are specific display resolutions commonly used for smartwatches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com