Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F479 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 69Page - STMicroelectronics STM32F479 Datasheet HTML 70Page - STMicroelectronics STM32F479 Datasheet HTML 71Page - STMicroelectronics STM32F479 Datasheet HTML 72Page - STMicroelectronics STM32F479 Datasheet HTML 73Page - STMicroelectronics STM32F479 Datasheet HTML 74Page - STMicroelectronics STM32F479 Datasheet HTML 75Page - STMicroelectronics STM32F479 Datasheet HTML 76Page - STMicroelectronics STM32F479 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
DocID029237 Rev 2
73/91
AN4861
LTDC application examples
89
Pixel clock configuration
The LCD_CLK should be calculated using the parameters found in the display
datasheet.
In order to do the calculation, the user should determine the total width and the total
height.
The pixel clock is calculated with a 60 Hz refresh rate as shown below:
LCD_CLK = TOTALW x TOTALH x refresh rate (see extracted display timing
parameters in Section 4.7.2: LTDC clocks and timings configuration)
LCD_CLK = 531 x 297 x 60 = 9.5 MHz
To configure the LTDC pixel clock to 9.5 MHz using STM32CubeMX, select the clock
configuration tab then set the PLLSAI and the prescalers as shown in the Figure 45.
Figure 45. STM32CubeMX: LTDC pixel clock configuration
Timing parameters configuration
In order to configure the display timings using STM32CubeMX, the user should extract
the timing parameters from the device’s datasheet. For this example, see an extract of
ROCKTECH datasheet on Table 14. It is recommended to use the typical display
timings.
In order to configure the display timing, the user must go to the configuration tab as
indicated in Figure 38, and then click on the LTDC button.
In the LTDC configuration window, the user should select the Parameter Settings tab
and fill in the timing values (refer to Figure 46).
LTDC control signals polarity configuration
Referring to the display datasheet, the HSYNC and VSYNC should be active low and
the DE signal should be active high. As the DE signal is inverted in the output then it
should be set to active low as well. The LCD_CLK signal should not be inverted.
Figure 46 shows both the control signal polarity configuration as well the LTDC
configuration according to the ROCKTECH display datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com