Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F479 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 83Page - STMicroelectronics STM32F479 Datasheet HTML 84Page - STMicroelectronics STM32F479 Datasheet HTML 85Page - STMicroelectronics STM32F479 Datasheet HTML 86Page - STMicroelectronics STM32F479 Datasheet HTML 87Page - STMicroelectronics STM32F479 Datasheet HTML 88Page - STMicroelectronics STM32F479 Datasheet HTML 89Page - STMicroelectronics STM32F479 Datasheet HTML 90Page - STMicroelectronics STM32F479 Datasheet HTML 91Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
Frequently asked questions
AN4861
88/91
DocID029237 Rev 2
8
Frequently asked questions
This section summarizes the most frequently asked questions regarding the LTDC usage
and configurations.
Table 18. Frequently asked questions
Question
Answer
Which is the LTDC maximum
supported resolution?
There is no absolute maximum resolution since it depends
on several parameters such as:
– the color depth
– the used SDRAM bus width
– system operating speed (HCLK)
– number of AHB masters accessing concurrently to
memory used for framebuffer.
See Section 4.2.2: Checking display compatibility
considering the memory bandwidth requirements.
Does the STM32F4 Series or the
STM32F7 Series support a 1280 x
720p 60 Hz resolution?
Yes, see examples in Section 4.2.2: Checking display
compatibility considering the memory bandwidth
requirements.
Which SDRAM bus width should be
used for a specific resolution?
There is not an exact specific bus width, it depends on the
resolution, the color depth and whether the SDRAM is
shared with other AHB masters or not.
The higher SDRAM bus width, the better. An SDRAM 32-bit
provides the best possible performances.
How to get the maximal supported
resolution for a specific hardware?
Refer to Section 4.2.2: Checking display compatibility
considering the memory bandwidth requirements.
Does LTDC support OLED displays?
Yes, if the OLED display has a parallel RGB interface.
Does LTDC support STN displays?
No, STN displays are not supported by LTDC.
Why the image is displayed with red
and blue colors swapped?
This is because the image is not stored into memory
respecting the configured pixel input format (see
Section 4.8.1: Converting images to C files).
Does LTDC support gray scale?
Yes, it is possible by using the L8 mode and using a correct
CLUT (R=G=B).
Why the display is bad (displaying
bad visual effects)?
Many factors can lead to a bad visual effect, the user can
perform the following checks:
– Check if the used display is correctly initialized / configured
(some displays need an initialization / configuration
sequence)
– Check if the LTDC timings and layer parameters are
correctly set (see example in Section 6.2.4)
– Display an image directly from the internal Flash (see
example in Section 6.2.5)
– Check if there is a non-synchronization between the LTDC
and the framebuffer update (by DMA2D or CPU), see
Section 4.4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com