Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 34 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 34 Page - Micronas

Back Button MAS3509F Datasheet HTML 30Page - Micronas MAS3509F Datasheet HTML 31Page - Micronas MAS3509F Datasheet HTML 32Page - Micronas MAS3509F Datasheet HTML 33Page - Micronas MAS3509F Datasheet HTML 34Page - Micronas MAS3509F Datasheet HTML 35Page - Micronas MAS3509F Datasheet HTML 36Page - Micronas MAS3509F Datasheet HTML 37Page - Micronas MAS3509F Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
MAS 35x9F
DATA SHEET
34
June 30, 2004; 6251-505-1DS
Micronas
D0:347
Interface Status Control (reset = 05
hex)
MPEG
This control cell allows to enable/disable the data I/O interfaces. In addition,
the clock of the output data interface interfaces, S/PDIF and SDO, can be set
to a low-impedance mode.
bit[6]
S/PDIF input selection (used for download modules)
0 (reset)
select S/PDIF input 1
1
select S/PDIF input 2
bit[5]
Enable/disable S/PDIF output
0 (reset)
enable S/PDIF output
1
S/PDIF output (invalid)
bit[4]
Reserved, must be set to zero
bit[3]
Enable/disable serial data output SDO
0 (reset)
SDO valid data
1
SDO invalid data
bit[2]
Output clock characteristic (SDO and S/PDIF outputs)
0
low impedance
1 (reset)
high impedance
bit[1]
reserved, must be set to zero
bit[0]
Enable/Disable SDI1)
0
enable
1 (reset)
disable
Both digital outputs, S/PDIF and I2S, and the D/A converters may use the
decoded audio independent of each other.
Changes at this memory address must be validated by setting bit[0] of
D0:346hex.
InterfaceControl
D0:348
Oscillator Frequency (reset = 18432
dec)
All
bit[19:0]
oscillator frequency in kHz
In order to achieve a correct internal operating frequency of the DSP, the nom-
inal crystal frequency has to be deposited into this memory cell.
Changes at this memory address must be validated by setting bit[0] of
D0:346hex.
OfreqControl
1) Note: The pins SIC, SII, SID are switched to output mode, if bit [0] = 1 (Reset value).
Table 3–9: D0 control memory cells, continued
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com