Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 82 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 82 Page - Micronas

Back Button MAS3509F Datasheet HTML 78Page - Micronas MAS3509F Datasheet HTML 79Page - Micronas MAS3509F Datasheet HTML 80Page - Micronas MAS3509F Datasheet HTML 81Page - Micronas MAS3509F Datasheet HTML 82Page - Micronas MAS3509F Datasheet HTML 83Page - Micronas MAS3509F Datasheet HTML 84Page - Micronas MAS3509F Datasheet HTML 85Page - Micronas MAS3509F Datasheet HTML 86Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
MAS 35x9F
DATA SHEET
82
June 30, 2004; 6251-505-1DS
Micronas
Analog Audio Input
VAI
Analog line input clipping
level (at minimum analog
input gain, i.e.
−3dB)
INL/R
Vpp
VSUPA
bits[15], [14] in
register 6Ahex
2.2
>2.2 V
00
2.6
>2.4 V
01
3.2
>3.0 V
10
VMI
Microphone input clipping
level (at minimum analog
input gain, i.e. +21 dB)
MICIN
mVpp
VSUPA
bits[15], [14] in
register 6Ahex
141
>2.0 V
00
167
>2.4 V
01
282
>3.0 V
10
RinAI
Analog line input resistance
INL/R
97
k
Ω
at minimum analog input
gain, i.e.
−3dB
20
at maximum analog input
gain, i.e. +19.5 dB
67
not selected
RinMI
Microphone input resistance
MICIN
94
k
Ω
at minimum analog input
gain, i.e.
−21 dB
8
at maximum analog input
gain, i.e. +43.5 dB
94
not selected
SNRAI
Signal-to-noise ratio of line
input
INL/R
74
dB(A)
BW = 20 Hz...20 kHz,
analog gain = 0 dB,
input 1 kHz at VAI−20 dB
SNRMI
Signal-to-noise ratio of
microphone input
MICIN
73
dB(A)
BW = 20 Hz...20 kHz,
analog gain = +21 dB,
input 1 kHz at VMI−20 dB
THDAI
Total harmonic distortion of
analog inputs
INL/R
MICIN
0.01
0.02
%
BW = 20 Hz...20 kHz,
analog gain = 0 dB,
resp. 24 dB,
input 1 kHz at
−3dBFS=V
AI−6dB
resp. VMI−6dB
XTALKAI
Crosstalk attenuation
left/right channel
(analog inputs)
INL/R
MICIN
80
dB
f = 1 kHz, sine wave,
analog gain = 0 dB,
input =
−3dBFS
PSRRAI
Power supply rejection ratio
for analog audio inputs
AVDD0/1,
INL/R
MICIN
45
dB
1 kHz sine at 100 mVrms
20
dB
≤100 kHz sine at
100 mVrms
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com