Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 64 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 64 Page - Micronas

Back Button MAS3509F Datasheet HTML 60Page - Micronas MAS3509F Datasheet HTML 61Page - Micronas MAS3509F Datasheet HTML 62Page - Micronas MAS3509F Datasheet HTML 63Page - Micronas MAS3509F Datasheet HTML 64Page - Micronas MAS3509F Datasheet HTML 65Page - Micronas MAS3509F Datasheet HTML 66Page - Micronas MAS3509F Datasheet HTML 67Page - Micronas MAS3509F Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
MAS 35x9F
DATA SHEET
64
June 30, 2004; 6251-505-1DS
Micronas
Fig. 4–14: Analog input pins MICIN, INL, INR
Fig. 4–15: Microphone bias pin (MICBI)
Fig. 4–16: Analog outputs OUTL(R) and connections
for filter capacitors FILTL(R)
Fig. 4–17: Analog ground generation with pin to
connect external capacitor
Fig. 4–18: S/PDIF inputs
Fig. 4–19: Battery voltage monitor VBAT
4.5.1.Reset Pin Configuration for MAS 3529F and
MAS 3539F
The Power-On Reset pin POR is used to reset the
entire MAS 35x9F. The POR is an active-low signal.
Note: If a pull-up resistor is used for building a delay
time here (see Fig. 5–1 on page 89), referred to
the VDD pins, the maximum allowed value for
this resistor is 3.3 kOhm!
−
+
AGNDC
A
D
MICIN
INL
INR
MICBI
+
AGNDC
VREF
−
D
A
−
+
AGNDC
FILTL(R)
OUTL(R)
I
1.25 V
−
+
AGNDC
VREF
XVDD
Bias
−
+
XVDD
SPDI1,
SPDIR
SPDI2
VSS
−
+
VBAT
VSS
= programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com