Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 72 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 72 Page - Micronas

Back Button MAS3509F Datasheet HTML 68Page - Micronas MAS3509F Datasheet HTML 69Page - Micronas MAS3509F Datasheet HTML 70Page - Micronas MAS3509F Datasheet HTML 71Page - Micronas MAS3509F Datasheet HTML 72Page - Micronas MAS3509F Datasheet HTML 73Page - Micronas MAS3509F Datasheet HTML 74Page - Micronas MAS3509F Datasheet HTML 75Page - Micronas MAS3509F Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
MAS 35x9F
DATA SHEET
72
June 30, 2004; 6251-505-1DS
Micronas
4.6.2.1. I2C Characteristics
at T = 25
°C, V
SUPI2C = 2.2...3.6 V in P(L/M)QFP package
Fig. 4–20: I2C timing diagram
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
I2C Input Specifications
fI2C
Upper limit I2C bus frequency
operation
I2CC
400
kHz
tI2C1
I2C START condition setup
time
I2CC, I2CD
300
ns
tI2C2
I2C STOP condition setup
time
I2CC, I2CD
300
ns
tI2C3
I2C clock low pulse time
I2CC
1250
ns
tI2C4
I2C clock high pulse time
I2CC
1250
ns
tI2C5
I2C data setup time before
rising edge of clock
I2CC
80
ns
tI2C6
I2C data hold time after falling
edge of clock
I2CC
80
ns
VI2COL
I2C output low voltage
I2CC, I2CD
0.4
V
Iload = 3 mA
II2COH
I2C output high leakage
current
I2CC, I2CD
1
µA
tI2COL1
I2C data output hold time after
falling edge of clock
I2CC, I2CD
20
ns
tI2COL2
I2C data output setup time
before rising edge of clock
I2CC, I2CD
250
ns
fI2C = 400 kHz
VI2CIL
I2C input low voltage
I2CC, I2CD
0.3
VSUPI2C
VI2CIH
I2C input high voltage
I2CC, I2CD
0.6
VSUPI2C
tW
Wait time
I2CC, I2CD
0
0.5
4
ms
I2CC
I2CD as input
I2CD as output
tI2C1
tI2C5
tI2C6
tI2C2
tI2C4
tI2C3
1/fI2C
tI2COL2
tIC2OL1
H
L
H
L
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com