Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 35 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 35 Page - Micronas

Back Button MAS3509F Datasheet HTML 31Page - Micronas MAS3509F Datasheet HTML 32Page - Micronas MAS3509F Datasheet HTML 33Page - Micronas MAS3509F Datasheet HTML 34Page - Micronas MAS3509F Datasheet HTML 35Page - Micronas MAS3509F Datasheet HTML 36Page - Micronas MAS3509F Datasheet HTML 37Page - Micronas MAS3509F Datasheet HTML 38Page - Micronas MAS3509F Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
35
D0:349
Output Clock Configuration (affects pin CLKO) (reset = 80000
hex)
All
bit[19]
CLKO configuration
0
output clock signal at CLKO
1 (reset)
CLKO is tristate
The CLKO output pin of the MAS 35x9F can be disabled via bit[19].
bit[18]
Reserved, must be set to zero
bit[17]
Additional division by 2 if scaler is on (bit[8] cleared)
0 (reset)
oversampling factor 512/768
1
oversampling factor 256/384
bit[16:9]
Reserved, must be set to zero
bit[8]
Output clock scaler
0 (reset)
set output clock according to audio sample rate
(see Table 2–1)
1
output clock fixed at 24.576 or 22.5792 MHz
For a list of output frequencies at pin CLKO please refer to Table 2–1.
bit[7:0]
reserved, must be set to zero
Changes at this memory address must be validated by setting bit[0] of
D0:346.
OutClkConfig
D0:350
Soft Mute
MPEG
%0 (reset)
mute off
%1
mute on
SoftMute
D0:351
S/PDIF channel status bits category code setting (reset = 8200
hex)
All
SpdOutBits
Table 3–9: D0 control memory cells, continued
Memory
Address
(hex)
Function
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com