Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 83 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 83 Page - Micronas

Back Button MAS3509F Datasheet HTML 79Page - Micronas MAS3509F Datasheet HTML 80Page - Micronas MAS3509F Datasheet HTML 81Page - Micronas MAS3509F Datasheet HTML 82Page - Micronas MAS3509F Datasheet HTML 83Page - Micronas MAS3509F Datasheet HTML 84Page - Micronas MAS3509F Datasheet HTML 85Page - Micronas MAS3509F Datasheet HTML 86Page - Micronas MAS3509F Datasheet HTML 87Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
83
Audio Output
VAO1
Analog output voltage AC
OUTL/R
RL ≥1kΩ
input = 0 dBFS digital
VSUPA
bits[15], [14] in
register 6Ahex
at 0 dB output gain
1.56
Vpp
>2.2 V
00
1.84
>2.4 V
01
2.27
>3.0 V
10
at +3 dB output gain
2.20
Vpp
>2.2 V
00
2.60
>2.6 V
01
3.20
>3.2 V
10
dVAO1
Deviation of DC-level at
analog output for AGNDC-
Voltage
OUTL/R
−20
20
mV
VAO2
Analog output voltage AC
OUTL/R
RLis 16 Ω headphone and
22
Ω series resistor
Input = 0 dBFS digital
(see Fig. 5–1 on page 89)
VSUPA
bits[15], [14] in
register 6Ahex
at 0 dB output gain
1.56
Vpp
>2.2 V
00
1.84
>2.4 V
01
2.27
>3.0 V
10
at +3 dB output gain
2.00
Vpp
>2.2 V
00
2.40
>2.6 V
01
3.00
>3.2 V
10
RoutAO
Analog output resistance
OUTL/R
6
Ω
analog gain = +3 dB,
input = 0 dBFS digital
SNRAO
Signal-to-noise ratio of analog
output
OUTL/R
94
dB(A)
RL≥16 Ω
BW = 20 Hz...20 kHz,
analog gain = 0 dB
input =
−20 dBFS
THDAO
Total harmonic distortion
(headphone)
OUTL/R
0.03
0.003
0.05
0.01
%for RL≥16 Ω plus 22 Ω
series resistor
(see Fig. 5–1 on page 89)
for RL≥1kΩ
LevMuteAO
Mute level
OUTL/R
−113
dBV
A-weighted
BW = 20 Hz...22 kHz,
no digital input signal,
analog gain = mute
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com