Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS3509F Datasheet(PDF) 85 Page - Micronas

Part # MAS3509F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3509F Datasheet(HTML) 85 Page - Micronas

Back Button MAS3509F Datasheet HTML 81Page - Micronas MAS3509F Datasheet HTML 82Page - Micronas MAS3509F Datasheet HTML 83Page - Micronas MAS3509F Datasheet HTML 84Page - Micronas MAS3509F Datasheet HTML 85Page - Micronas MAS3509F Datasheet HTML 86Page - Micronas MAS3509F Datasheet HTML 87Page - Micronas MAS3509F Datasheet HTML 88Page - Micronas MAS3509F Datasheet HTML 89Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
85
IsupPFM1
Supply current in PFM mode
VSENS1
75
µA
3)
IsupPFM2
VSENS2
135
IsupPWM1
Supply current in PWM mode
VSENS1
265
µA
VSENSn
3)
4)
IsupPWM2
VSENS2
325
Ilnmax
NMOS switch current limit
(low side switch)
DCSOn,
DCSGn
1
A
PWM-Mode
0.4
A
PFM-Mode
IIptoff
PMOS switch turnoff current
(rectifier switch)
DCSOn
VSENSn
70
mA
Ron
NMOS switch on Resistance
(low side switch)
DCSO1,
DCSG1
170
m
DCSO2,
DCSG2
280
m
ILEAK
Leakage current
DCSOn,
DCSGn
0.1
µA
Converter off, no load
3) Current into VSENSn Pin. VIN > VOUT +
0.4V; no DC/DC-Converter switching action present
4) Add. current of oscillator at PIN AVDD0/1, (see Section 4.6.3. on page 81)
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com