Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 83 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 83 Page - ams AG

Back Button AS3955 Datasheet HTML 79Page - ams AG AS3955 Datasheet HTML 80Page - ams AG AS3955 Datasheet HTML 81Page - ams AG AS3955 Datasheet HTML 82Page - ams AG AS3955 Datasheet HTML 83Page - ams AG AS3955 Datasheet HTML 84Page - ams AG AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
ams Datasheet
Page 83
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Register Description
Note(s):
1. Power-up and Set Default command reset the content of this register to 0. After Interrupt Register has been read, its content is set
again to 0.
Buffer Registers
Figure 95:
Buffer Status Register 2
Note(s):
1. Power-up and commands Set Default and Clear Buffer reset the content of this register to 0.
2I_io_eewr
IRQ due to successful termination of EEPROM programming. In
case EEPROM write command was sent through SPI / I²C
RO
1I_eeac_err
IRQ due to EEPROM write on write protected block or write to
non-existing address
RO
0
I_acc_err
IRQ due to interruption of SPI / I²C operation on buffer, EEPROM
or registers due to access control
RO
Address 0Ch: Buffer Status Register 2
Bit
Name
Function
Type
7
buf_len_invalid
Buffer content is being changed – data length not valid
RO
6rfu
RO
5
buf_len<5>
Number of data bytes (binary coded) in the buffer not yet read
out. Valid range is from 000000b to 100000b – 000000b means
that there are no data bytes to be read out
RO
4
buf_len<4>
3
buf_len<3>
2
buf_len<2>
1
buf_len<1>
0
buf_len<0>
Address 0Bh: Interrupt Register 1
Bit
Name
Function
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com