Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 17 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 17 Page - ams AG

Back Button AS3955 Datasheet HTML 13Page - ams AG AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
ams Datasheet
Page 17
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
Interface Arbitration
Concurrent access to AS3955 internal EEPROM from RF or SPI /
I²C requires arbitration, to resolve conflicts or undesired
behaviour.
AS3955 implements two arbitration modes, which can be set in
Configuration Byte IC_CFG0.
Arbitration Mode 0
AS3955 arbitrates EEPROM write accesses according to
first-come-first-serve principle.
• In case no write access is currently ongoing, both RF and
SPI / I²C interfaces are allowed to write into EEPROM.
• In case a write request comes over RF, while SPI / I²C is
writing, AS3955 will return a NAK.
• In case a write request comes over SPI / I²C while RF is
writing, AS3955 will trigger a I_err_acc interrupt (see
Figure 94).
Arbitration Mode 1
AS3955 gives always priority to RF accesses. In this mode,
AS3955 behaves over RF as a pure contactless tag.
• In case SPI / I²C is performing a EEPROM write while the
RF field is turned on, the write operation is interrupted to
allow the initialization of the RF communication
• In case the RF field is already on and SPI / I²C performs a
write to EEPROM and a READ or WRITE command is
received via RF, the write operation of SPI / I²C is
interrupted so that the RF operation can be performed
In both cases, a I_err_acc interrupt (see Figure 94) will be
triggered.
Please note that the interruption of an EEPROM write may result
in an undefined or “weak” state for the cell being programmed,
and a second successful write attempt is suggested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com