Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 89 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 89 Page - ams AG

Back Button AS3955 Datasheet HTML 85Page - ams AG AS3955 Datasheet HTML 86Page - ams AG AS3955 Datasheet HTML 87Page - ams AG AS3955 Datasheet HTML 88Page - ams AG AS3955 Datasheet HTML 89Page - ams AG AS3955 Datasheet HTML 90Page - ams AG AS3955 Datasheet HTML 91Page - ams AG AS3955 Datasheet HTML 92Page - ams AG AS3955 Datasheet HTML 93Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
ams Datasheet
Page 89
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Application Information
The ISO14443A-4 command RATS should also be handled by the
MCU. RATS is sent by an NFC device to activate ISO14443A-4,
on top of which is T4T platform is implemented.
Please refer to the application note Emulation of an NFC Type
4Tag in Tunneling Mode for detailed information and software
code examples.
References
• [EMVCO-1] EMVCo Type Approval Contactless Terminal
Level 1 – PCD Digital Test Bench & Test Cases, version
2.3.1a, January 2013
• [ISO14443-3] ISO/IEC 14443-3:2011(E), Identification
cards — Contactless integrated circuit cards — Proximity
cards — Part 3: Initialization and anticollision
• [ISO14443-4] ISO/IEC 14443-4:2008(E), Identification
cards — Contactless integrated circuit(s) cards —
Proximity cards — Part 4: Transmission protocol
• [ISO18092] ISO/IEC 18092:2013 — Information
technology — Telecommunications and information
exchange between systems — Near Field Communication
— Interface and Protocol (NFCIP-1)
• [ISO7816-3] ISO/IEC 7816-3:2006, Identification cards —
Integrated circuit cards — Part 3: Cards with contacts —
Electrical interface and transmission protocols
• [ISO7816-4] ISO/IEC 7816-4:2005, Identification cards —
Integrated circuit cards — Part 4: Organization, security
and commands for interchange
• [ISO7816-6] ISO/IEC 7816-6:2004, Identification cards —
Integrated circuit cards — Part 6: Interindustry data
elements for interchange
• [NFC Analog] NFC Analog Specification — NFC Forum,
11.07.2011, Version 1.0
• [NFC Digital] NFC Digital Protocol — NFC Forum,
17.11.2010, Version 1.0
• [NDEF] NFC Data Exchange Format (NDEF), Technical
Specification — NFC Forum, 24.07.2006, Version 1.0
• [PHDC] Personal Health Device Communication),
Technical Specification — NFC Forum, 27.02.2013, Version
1.0
• [T2T] Tag 2 Type Operation, Technical Specification —
NFC Forum, 31.05.2011, Version 1.1
• [T4T] Tag 4 Type Operation, Technical Specification —
NFC Forum, 28.06.2011, Version 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com