Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 16 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 16 Page - ams AG

Back Button AS3955 Datasheet HTML 12Page - ams AG AS3955 Datasheet HTML 13Page - ams AG AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
Power Mode 1
AS3955 is fully supplied by RF field. AS3955 checks if Extended
or Tunneling mode are enabled. In this case, VP_REG supplies
the system (SPI / I²C pads, pull-ups, MCU), otherwise energy
harvesting is turned off and VP_REG is set in tristate.
Such power mode can be used in battery-less systems where
the system is fully powered by the RF field. In such
configuration, the VP_REG output pin for energy harvesting and
VP_IO input supply shall be externally connected. Battery, even
when present, will not be involved.
If this power mode is enabled and neither tunneling nor
extended mode are enabled, rreg value from
IC Configuration Register 1 will be forced to zero. This will
disable energy harvesting.
Power Mode 2
In this case, the external supply is used to provide power to
digital blocks, EEPROM, SPI / I²C pads and MCU. External supply
VP_REG is not used. Since this mode can be enabled only after
initialization of the chip, the /SS line must be either
permanently set to low or pulled low for short time (400μs) to
complete the initialization.
This mode is specifically designed to operate with AS392x
products (ams’ Active Boost). In this mode, the HF_PON
threshold of the chip will be decreased so that it will operate
with external voltage on LC pin in the range of 2.7-3.6Vpp.
If this mode is enabled, AS3955 will not be turned off as long
as there is an external supply present.
Power Mode 3
In this case the external supply shall be used to provide power
to digital blocks, EEPROM, SPI / I²C pads and MCU. External
supply VP_REG is not used. Since this mode can be enabled only
after initialization of the chip, the /SS line must be either
permanently set to low or pulled low for short time to complete
the initialization.
In this mode, the HF_PON threshold of the chip is set so that it
will operate with external voltage on LC pin in the range of
4.1-5Vpp.
If this mode is enabled, AS3955 will not be turned off as long
as there is an external power present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com