Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 50 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 50 Page - ams AG

Back Button AS3955 Datasheet HTML 46Page - ams AG AS3955 Datasheet HTML 47Page - ams AG AS3955 Datasheet HTML 48Page - ams AG AS3955 Datasheet HTML 49Page - ams AG AS3955 Datasheet HTML 50Page - ams AG AS3955 Datasheet HTML 51Page - ams AG AS3955 Datasheet HTML 52Page - ams AG AS3955 Datasheet HTML 53Page - ams AG AS3955 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
Page 50
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
Figure 51:
Data Transmission from MCU to NFC Device
When the NFC device has successfully read all data from the
buffer, it shall clear the buffer and prepare for further data
transfer by issuing a WRITE command to address FFh. This will
trigger a Tx end interrupt.
If a READ command is received on address FCh prior to the
Transmit Buffer command, AS3955 will return zero data, io_busy
set to 1 and io_data_rdy set to 0. A NFC device can then poll
AS3955 by continuously sending READ commands at address
FCh and waiting until the last word equals 01h.
A READ command can be issued only to address FCh. Issuing a
READ command to any other address than FCh while in
Extended mode shall be treated as an error.
In Extended mode, it is assumed that AS3955 will always receive
16 bytes and transmit 12 bytes of data, 3 empty bytes and 1
byte for FLAGS. If the message size differs in any direction, then
the MCU or NFC device are responsible for proper error
management.
&
&
&
&&

&> '^
&> '^
Z  &
Z
Z  &
Z

tZ/d &&
Z
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com