Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 38 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 38 Page - ams AG

Back Button AS3955 Datasheet HTML 34Page - ams AG AS3955 Datasheet HTML 35Page - ams AG AS3955 Datasheet HTML 36Page - ams AG AS3955 Datasheet HTML 37Page - ams AG AS3955 Datasheet HTML 38Page - ams AG AS3955 Datasheet HTML 39Page - ams AG AS3955 Datasheet HTML 40Page - ams AG AS3955 Datasheet HTML 41Page - ams AG AS3955 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
Configuration Byte AUTH_LIM
Figure 38:
Configuration Byte AUTH_LIM
Note(s):
1. This byte can always be accessed for read and write via SPI / I²C and can be accessed for read and write from the RF side if chip is in
AUTHENTICATED state and configuration bit auth_set is 1.
AUTH_LIM defines the block address above which password
verification is required. Valid address range for the AUTH_LIM
byte is from 00h to FFh. If AUTH_LIM is set to a block address
higher than the last block of the EEPROM address space, the
password protection is effectively disabled. Addresses above
the limit are protected for read / write depending on auth_r and
auth_w values. If no bits are set, password protection is
disabled.
If the NFC device tries to access protected blocks without
authenticating first, then:
• If only protected blocks are accessed, AS3955 will not
respond
• If protected and unprotected blocks are accessed1,
AS3955 will return actual stored values only for the
unprotected portion, and zeroes for the protected
portion.
Conf. Bit
Name
Default
Function
Note
b7
auth_lim<7>
1
AUTH_LIM defines the block address above
which password verification is required.
b6
auth_lim<6>
1
b5
auth_lim<5>
1
b4
auth_lim<4>
1
b3
auth_lim<3>
1
b2
auth_lim<2>
1
b1
auth_lim<1>
1
b0
auth_lim<0>
1
1. This can occur, for instance, with a READ command crossing the border between protected and unprotected memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com