Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3955 Datasheet(PDF) 18 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 18 Page - ams AG

Back Button AS3955 Datasheet HTML 14Page - ams AG AS3955 Datasheet HTML 15Page - ams AG AS3955 Datasheet HTML 16Page - ams AG AS3955 Datasheet HTML 17Page - ams AG AS3955 Datasheet HTML 18Page - ams AG AS3955 Datasheet HTML 19Page - ams AG AS3955 Datasheet HTML 20Page - ams AG AS3955 Datasheet HTML 21Page - ams AG AS3955 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-04] 2016-Feb-03
AS3955 − Detailed Description
Energy Harvesting
AS3955 has energy harvesting capability. The regulated voltage
output pin for energy harvesting is VP_REG. The energy
harvesting is enabled only in Power Mode 0 and 1. Figure 16
shows settings of the regulated voltage output. The output can
be set between 1.8V and 4.5V in 100mV step. The output voltage
and resistance can be set by Configuration Byte IC_CFG1.The
energy harvesting can be disabled by setting the output
resistance register to 0 as shown in Figure 15.
Figure 15:
Output Resistance Settings
Figure 15 shows settings of the regulated voltage output. The
output can be set between 1.8V and 4.5V in 100mV step.
Figure 16:
Regulated Voltage Output Settings
rreg<1:0>
Output Resistance
Comment
00b
X
Disabled – output pin
is in tristate
01b
100Ω
10b
50Ω
11b
25Ω
vreg<4:0>
Output Voltage
Abs. Accuracy
00000b
1.8V
±115mV
00001b
:
:
Step 100mV
±20mV
Linearly increasing
over range
11011b
4.5V
±225mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com