Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U575VG Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 50Page - STMicroelectronics STM32U575VG Datasheet HTML 51Page - STMicroelectronics STM32U575VG Datasheet HTML 52Page - STMicroelectronics STM32U575VG Datasheet HTML 53Page - STMicroelectronics STM32U575VG Datasheet HTML 54Page - STMicroelectronics STM32U575VG Datasheet HTML 55Page - STMicroelectronics STM32U575VG Datasheet HTML 56Page - STMicroelectronics STM32U575VG Datasheet HTML 57Page - STMicroelectronics STM32U575VG Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 329 page
background image
Functional overview
STM32U575xx
54/329
DS13737 Rev 6
3.19
Chrom-ART Accelerator controller (DMA2D)
The Chrom-ART Accelerator (DMA2D) is a specialized DMA dedicated to image
manipulation. It can perform the following operations:
•
Filling a part or the whole of a destination image with a specific color
•
Copying a part or the whole of a source image into a part or the whole of a destination
image
•
Copying a part or the whole of a source image into a part or the whole of a destination
image with a pixel format conversion
•
Blending a part and/or two complete source images with different pixel format and copy
the result into a part or the whole of a destination image with a different color format.
All the classical color coding schemes are supported from 4-bit up to 32-bit per pixel with
indexed or direct color mode. The DMA2D has its own dedicated memories for CLUTs (color
look-up tables).
The main DMA2D features are:
•
Single AHB master bus architecture
•
AHB slave programming interface supporting 8/16/32-bit accesses (except for CLUT
accesses that are 32-bit)
•
User programmable working area size
•
User programmable offset for sources and destination areas expressed in pixels or
bytes expressed in pixels or bytes
•
User programmable sources and destination addresses on the whole memory space
•
Up to two sources with blending operation
•
Alpha value can be modified (source value, fixed value or modulated value)
•
User programmable source and destination color format
•
Up to 11 color formats supported from 4-bit up to 32-bit per pixel with indirect or direct
color coding
•
Two internal memories for CLUT storage in indirect color mode
•
Automatic CLUT loading or CLUT programming via the CPU
•
User programmable CLUT size
•
Internal timer to control AHB bandwidth
•
Six operating modes: register-to-memory, memory-to-memory, memory-to-memory
with pixel format conversion, memory-to-memory with pixel format conversion and
blending, memory-to memory with pixel format conversion, blending and fixed color
foreground, and memory-to memory with pixel format conversion, blending and fixed
color background
•
Area filling with a fixed color
•
Copy from an area to another
•
Copy with pixel format conversion between source and destination images
•
Copy from two sources with independent color format and blending
Table 14. LPDMA1 autonomous mode and wakeup in low-power modes
Feature
Low-power modes
Autonomous mode and wakeup
LPDMA1 in Sleep, Stop 0, Stop 1 and Stop 2 modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com