Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32U575VG Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 62Page - STMicroelectronics STM32U575VG Datasheet HTML 63Page - STMicroelectronics STM32U575VG Datasheet HTML 64Page - STMicroelectronics STM32U575VG Datasheet HTML 65Page - STMicroelectronics STM32U575VG Datasheet HTML 66Page - STMicroelectronics STM32U575VG Datasheet HTML 67Page - STMicroelectronics STM32U575VG Datasheet HTML 68Page - STMicroelectronics STM32U575VG Datasheet HTML 69Page - STMicroelectronics STM32U575VG Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 329 page
background image
Functional overview
STM32U575xx
66/329
DS13737 Rev 6
All comparators can wake up from Stop 0, Stop 1 and Stop 2 modes, generate interrupts and
breaks for the timers and can also be combined into a window comparator.
3.32
Operational amplifiers (OPAMP)
The devices embed two operational amplifiers with external or internal follower routing and
PGA capability.
The operational amplifier features:
•
Low-input bias current
•
Low-offset voltage
•
Low-power mode
•
Rail-to-rail input
3.33
Multi-function digital filter (MDF) and audio digital filter (ADF)
The table below lists the set of features implemented into the MDF and the ADF.
3.33.1
Multi-function digital filter (MDF)
The MDF is a high-performance module dedicated to the connection of external sigma-delta
(Σ∆) modulators. It is mainly targeted for the following applications:
•
audio capture signals
•
motor control
•
metering
The MDF features six digital serial interfaces (SITFx) and digital filters (DFLTx) with flexible
digital processing options to offer up to 24-bit final resolution.
The DFLTx of the MDF also include the filters of the ADF (audio digital filter).
Table 18. MDF features
MDF modes/features(1)
1. X = supported.
ADF1
MDF1
Number of filters (DFLTx) and serial interfaces (SITFx)
1
6
ADF_CKI0 / MDF_CKIy connected to pins
-
X
Sound activity detection (SAD)
X
-
RXFIFO depth (number of 24-bit words)
4
4
ADC connected to ADCITF1
-
ADC1
ADC connected to ADCITF2
-
-
Motor dedicated features (SCD, OLD, OEC, INT, snapshot, break)
-
X
Main path with CIC4, CIC5
X
X
Main path with CIC1,2, 3 or FastSinc
-
X
RSFLT, HPF, SAT, SCALE, DLY, Discard functions
X
X
Autonomous in Stop mode
X(2)
2. Stop 0, Stop 1 and Stop 2 modes only.
X(3)
3. Stop 0 and Stop 1 modes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com