Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 3Page - STMicroelectronics L9177ATR Datasheet HTML 4Page - STMicroelectronics L9177ATR Datasheet HTML 5Page - STMicroelectronics L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
2
Electrical specifications
2.1
Operating range
The device may not operate properly if maximum operating conditions are exceeded.
Table 2. Operating conditions
Parameter
Value
Unit
VB, VB_1 supply voltage
6 to 18 (1)
V
I/O logic
0 to VDD
V
Stepper motor outputs
-0.3 to VB, VB_1
V
Low side outputs
-0.3 to clamp voltage
V
1. See Section 2.1.1 .
2.1.1
Supply voltage
•
Below 3.9 V the device is in a safety state (internal circuitries are on but all the outputs are off).
•
From 3.9 V to 5.5 V (Functionalities during Crank phase):
–
Reset function; VDD > 3.3 V (rds-on state) IVDD = 100 mA; 3.3 V < VDD_TRK < VDD (rds-on state);
–
Low-sides, K-Line, H-Bridge OFF if Reset = 0; SPI not available, internal registers resetted if Reset = 0;
–
All Diagnosis disabled if Reset = 0; VRS function limited (Vdiff max = 1000 mV)
•
From 5.5 V to 6 V (low battery):
–
All the functions are granted with the following degraded parameters; VDD > 4.510 V; Tracking error <
100 mV (Iload = 40 mA, rds-on state).
•
From 6 V to 18 V: normal operating range
•
From 18 V to VB_off:
–
All the functions are granted with increased power dissipation and no reset is asserted during transient.
•
From VB_off to 40 V (internal circuitries are on but all the outputs are off):
–
The device is on and in a safety state.
2.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the
integrated circuit.
Table 3. Absolute maximum ratings
Parameter
Condition
Min
Max
Unit
DC supply voltage
pin VB/VB_1
-0.3
40
V
I/O low voltage pins(1)
-
-0.3
7
V
I/O low voltage digital pins (2)
-
-0.3
VDD+0.3
V
I/O power pins voltage range (3)
-
-0.3 Clamp voltage
V
TACH pin
-
-0.3
40
V
OUTA-D
-
-0.3
VB +0.3
V
KEY pin
To be protected with R_key to limit sourced/
sinked current to ± 5 mA in dc conditions
and ±20 mA during transients
-0.3
10
V
L9177A
Electrical specifications
DS12175 - Rev 5
page 7/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com