Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177ATR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 3 Page - STMicroelectronics

  L9177ATR Datasheet HTML 1Page - STMicroelectronics L9177ATR Datasheet HTML 2Page - STMicroelectronics L9177ATR Datasheet HTML 3Page - STMicroelectronics L9177ATR Datasheet HTML 4Page - STMicroelectronics L9177ATR Datasheet HTML 5Page - STMicroelectronics L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
INJ2
GND_P_2
GND_P_1
L
TACH
OUTD
OUTC
GND_INJ2
GND O2H
GND_INJ1
REL3
REL2
REL1
O2H
OUTB
OUTA
INJ1
IN2
VB
KEY
IN1
VROUT
VRIN-
VRIN+
KL_RX
KL_TX
IN_REL2
IN_REL1
ILS_TACH
EN
REXT
PWM
RESET
SCK
/CS
SO
SI
DIR
VB_1
INO2H
RESET
Operating mode
Standby mode
5V regulator 300mA
Generator
Reference
Current
Interface
Sensor
Reluctance
Variable
HS switch 100mA
5V st-by V reg2.5mA
40mA
5V tracking Vreg
VDD
VDD_TRK
VDD_SB
HS_OUT
STEPPER MOTOR DRIVER
CURRENT LIMITED LOW SIDE DRIVER
RELAY DRIVER (3 CHANNELS)
O2 SENSOR HEATER
TACHOMETER DRIVER
INJECTOR DRIVER (2 CHANNEL)
Short to GND/VB
Over-current
Open Load
Diagnosis
Short to GND
Over-current
Open Load
Diagnosis
Short to GND
Over-current
Open Load
Diagnosis
Short to GND
Over-current
Open Load
Diagnosis
Short to GND
Over-current
Open Load
Diagnosis
Short to GND
Over-current
Open Load
Diagnosis
RON 2.6 ohm
Over-current>0.7A
RON 1.5 ohm
45V Clamp
(2A in-rush)
Over-current>1.2A
RON 0.5 ohm
45V Clamp
Over-current>1.2A
RON 0.5 ohm
60V Clamp
Over-current>4A
RON 5 ohm
Over-current>0.1A
RON 0.5 ohm
60V Clamp
Over-current>2.8A
KL_LINE
K-LINE
GND_A/GND_P
GAPGPS00585
L9177A
Block diagram and pin description
DS12175 - Rev 5
page 3/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com