Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177ATR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 4Page - STMicroelectronics L9177ATR Datasheet HTML 5Page - STMicroelectronics L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Parameter
Condition
Min
Max
Unit
(ISO-pulses on battery line)
VRIN- / VRIN+
Max current |20 mA| to be limited with
external resistors
-0.3
VDD + 0.3
V
VDD_TRK pin
-
-2
40
V
KL_LINE pin
-
-16
40
V
Maximum voltage shift between GND pins
PIN GND, GND_O2H, GND_P_1,2,
GND_INJ1,2, GNDA, GNDP
-0.3
0.3
V
I/O power pins (3)maximum energy (single pulse,
max. current)
Injector drivers
-
50
mJ
O2 sensor heater
-
60
mJ
Relay/current limited drivers
-
25
mJ
I/O power pins (3)maximum energy (continuous
pulse, max. current, 36 million pulses with T = 100
ms)
Injector drivers
-
18
mJ
O2 sensor heater
-
22
mJ
Relay/current limited drivers
-
8
mJ
Reverse current through O2H output without supply
voltage (4)
Static (room temperature, max reverse
diode voltage 1.5 V)
-
2.5
A
Dynamic (guarantee by iso-pulse test
immunity on application board)
-
-
Reverse current through INJx outputs without supply
voltage (4)
Static (room temperature, max reverse
diode voltage 1.5 V)
-
2.2
A
Dynamic (guarantee by iso-pulse test
immunity on application board)
-
-
Reverse current through L output without supply
voltage (4)
Static (room temperature, max reverse
diode voltage 1.5 V)
-
1.2
A
Dynamic (guarantee by iso-pulse test
immunity on application board)
-
-
Reverse current through RLYx outputs without
supply voltage (4)
Static (room temperature, max reverse
diode voltage 1.5 V)
-
1.5
A
Dynamic (guarantee by iso-pulse test
immunity on application board)
-
-
Reverse current through TACH output without
supply voltage (4)
Static (room temperature, max reverse
diode voltage 1.5 V)
-
0.5
A
Dynamic (guarantee by iso-pulse test
immunity on application board)
-
-
1. Pins are VDD, VDD_SB, REXT, DIR
2. Pins are CS, SCK, SI, SO, VROUT, RESET, PWM, EN, INO2H, ILS_TACH, IN, KL_TX, KL_RX
3. Pins are O2H, L, INJ1-2, REL1-2-3
4. Reverse battery connection, parameter not tested for info only
Table 4. ESD protection
Item
Condition
Min
Max
Unit
All pins (1)(2)
HBM
-2
2
kV
All pins
MM
-200
200
V
All pins
CDM (values for corner pins in brackets)
-500 / (-750)
500 / (750)
V
Pins to connector (3)
HBM
-4
4
kV
1. OUTA-D, TACH, O2H, L, INJ1-2, REL1-2-3 vs. GNDP2, GNDO2: -1.5 / 1.5 kV
2. OUTA-D, TACH, O2H, L, INJ1-2, REL1-2-3 vs. GNDP1: -1 / 1 kV
L9177A
Absolute maximum ratings
DS12175 - Rev 5
page 8/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com