Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177ATR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics L9177ATR Datasheet HTML 10Page - STMicroelectronics L9177ATR Datasheet HTML 11Page - STMicroelectronics L9177ATR Datasheet HTML 12Page - STMicroelectronics L9177ATR Datasheet HTML 13Page - STMicroelectronics L9177ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
2.5.2
Key
Table 7. Key electrical characteristics
Symbol
Parameter
Condition
Min Typ Max Unit
V_Key_L
Input level low
-
-
-
1.5
V
V_Key_H
Input level high
-
3.3
-
-
V
V_Key_Hyst
Input voltage hysteresis
-
0.5
-
1.8
V
R_Key
Internal pull down
-
50 150 300
kΩ
T_key_deglitch Key input filter time
Guaranteed by scan
26
-
40
µs
T_key_delay
Maximum delay time from Key to regulator enable
Time from key rising edge to 20% VDD rising
edge
-
-
200
µs
Figure 3. Input threshold
ON
V_Key_Hyst
V_Key_L
V_Key_H
OFF
GADG1911180723PS
Figure 4. Key block diagram
GAPGPS00588
2.5.3
Digital pins
Table 8. Digital pins characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V in_L
Input level low
-
-
-
0.3*VDD
V
V in_H
Input level high
-
0.7*VDD
-
-
V
V h in
Input voltage hysteresis
-
0.1
-
-
V
R_pull
Internal pull-down/pull-up (1)(2)(3)
-
50
150
250
kΩ
I_pull_down
Active pull-down
-
10
-
100
µA
1. Pins with active pull-down: DIR.
2. Pins with pull-down: EN, PWM, ISL-TACH, INO2H, IN_REL1-2, IN1-2;
3. Pins with pull-up: SI, SCK, CS, KL-TX;
L9177A
Electrical characteristics
DS12175 - Rev 5
page 10/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com