Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9177ATR
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR Datasheet(HTML) 1 Page - STMicroelectronics

  L9177ATR Datasheet HTML 1Page - STMicroelectronics L9177ATR Datasheet HTML 2Page - STMicroelectronics L9177ATR Datasheet HTML 3Page - STMicroelectronics L9177ATR Datasheet HTML 4Page - STMicroelectronics L9177ATR Datasheet HTML 5Page - STMicroelectronics L9177ATR Datasheet HTML 6Page - STMicroelectronics L9177ATR Datasheet HTML 7Page - STMicroelectronics L9177ATR Datasheet HTML 8Page - STMicroelectronics L9177ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
TQFP64 exposed pad down
GADG1606171506PS
Features
AEC-Q100 qualified
Supply voltage from 6 V to 18 V
Basic functionality guaranteed down to 3.9 V
5 V regulator up to 300 mA with thermal shutdown protection in current limitation
condition
5 V tracking regulator up to 40 mA and short to battery protection
5 V standby regulator up to 2.5 mA
2 channels injectors drivers
Parallel and serial driving
Output internally clamped to 60 V
Minimum overcurrent at 2.8 A
Ron 0.6 Ω worst case (at Tj = 150 °C)
3 relay drivers
2 with parallel and serial driving, 1 with serial driving
Output internally clamped to 45 V
Minimum guaranteed output current 1 A
Ron 1.5 Ω worst case (at Tj = 150 °C)
Tachometer driver
Parallel and serial driving
Minimum guaranteed output current 25 mA
Ron 5 Ω worst case (at Tj = 150 °C)
Current limited low side driver (LSD)
Serial driving
Output internally clamped to 45 V
Minimum guaranteed output current 1 A (2 A during in-rush)
Ron 1.5 Ω worst case (at Tj = 150 °C)
Stepper motor driver
Parallel driving
Minimum guaranteed output current 500 mA - full step
Ron 2.6 Ω worst case on the diagonal (at Tj = 150 °C)
O2 sensor heater
Parallel and serial driving
Output internally clamped to 45 V
Minimum guaranteed output current 3 A
Ron 0.5 Ω worst case (at Tj = 150 °C)
Protected high side driver
100 mA min. current limitation threshold
Product status link
L9177A
Product summary
Order code
Package
Packing
L9177ATR
TQFP64
(10x10 mm),
exposed pad
down
(7.5x7.5 mm)
Tape and
reel
Automotive engine management control IC for small engines
L9177A
Datasheet
DS12175 - Rev 5 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9177ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9177 STMICROELECTRONICS-L9177 Datasheet
971Kb / 49P
Peripheral on chip for low end engine control
L9177TR STMICROELECTRONICS-L9177TR Datasheet
971Kb / 49P
Peripheral on chip for low end engine control
More results

Similar Description - L9177ATR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33812 FREESCALE-33812 Datasheet
480Kb / 25P
SMALL ENGINE CONTROL IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
33813 FREESCALE-33813 Datasheet
2Mb / 54P
One Cylinder Small Engine Control IC
MC33814 FREESCALE-MC33814 Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com