Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 2Page - STMicroelectronics LD56050 Datasheet HTML 3Page - STMicroelectronics LD56050 Datasheet HTML 4Page - STMicroelectronics LD56050 Datasheet HTML 5Page - STMicroelectronics LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics LD56050 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Electrical characteristics
VBIAS = 2.7 V or VOUT + 1.6 V (whichever is greater); VIN = VOUT(NOM) + 0.3 V; IOUT = 1 mA; CIN = 1 µF, COUT =
2.2 µF; VEN = 1 V; typical values are at TJ = 25 °C; min./max. values are at -40 °C ≤ TJ ≤ 85 °C, unless otherwise
specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VIN
Operating input voltage
VOUT +
VDROP
5.5
V
VBIAS
Operating bias voltage
VOUT ≤ 1 V
2.4
5.5
V
VOUT > 1 V
VOUT +
1.4
5.5
V
VUVLO
BIAS undervoltage
lockout
VBIAS rising
1.6
V
Hysteresis
0.2
VOUT
Output voltage accuracy
±0.5
%
VOUT(NOM) + 0.3 V ≤ VIN ≤ VOUT(NOM) + 1.0 V;
2.7 V or VOUT(NOM) + 1.6 V (whichever is greater) ≤
VBIAS ≤ 5.5 V;
IOUT = 1 mA to 0.5 A; -40°C ≤ TJ ≤ 85°C
-1.5
+1.5
%
∆VOUT-IN
VIN static regulation(1)
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V, IOUT = 1 mA
0.02
0.1
%/V
∆VOUT-BIAS
VBIAS line regulation(1)
2.7 V or VOUT(NOM) + 1.6 V (whichever is greater) ≤
VBIAS ≤ 5.5 V; IOUT = 1 mA
0.01
0.1
%/V
∆VOUT
Static load regulation
IOUT = 1 mA to 500 mA
1.5
mV
VDROP
Dropout voltage
IOUT = 0.15 A; VOUT = 97% of VOUT(NOM)
27
75
mV
IOUT = 0.5 A; VOUT = 97% of VOUT(NOM)
80
250
VDROP-BIAS
Dropout voltage
VBIAS = VIN; IOUT = 0.5 A
0.9
1.5
V
eN
Output noise voltage
VOUT(NOM) = 1.05 V; VIN = 1.5 V 10 Hz to 100 kHz,
IOUT = 1 mA
38
µVRMS
SVRIN
VIN supply voltage
rejection
VIN = VOUT(NOM)+ 0.5 V +/- VRIPPLE
VRIPPLE = 0.2 V, freq=1 kHz, IOUT = 150 mA;
VBIAS = 2.7 V or VOUT + 1.6 V (whichever is
greater)
75
dB
SVRBIAS
VBIAS supply voltage
rejection
VBIAS = 2.9 V or VOUT + 1.8 V (whichever is
greater) +/- VRIPPLE
VRIPPLE = 0.2 V freq = 1 kHz IOUT = 150 mA;
VIN = VOUT(NOM)+ 0.5 V
76
dB
IBIAS
VBIAS operating current
IOUT = 0 mA; VBIAS = 2.7 V
27
40
µA
IStandby-BIAS
VBIAS standby current
VBIAS input current in OFF MODE: VEN = GND
0.03
1
µA
IStandby-IN
VIN standby current
VIN input current in OFF MODE: VEN = GND
0.03
1
µA
ILIM
Output current limit
VOUT= 0.9 x VOUT(NOM)
550
700 1000
mA
ISC
Short-circuit current
VOUT = 0 (foldback protection)
365
500
mA
LD56050
Electrical characteristics
DS12441 - Rev 2
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com