Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 4Page - STMicroelectronics LD56050 Datasheet HTML 5Page - STMicroelectronics LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics LD56050 Datasheet HTML 10Page - STMicroelectronics LD56050 Datasheet HTML 11Page - STMicroelectronics LD56050 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
6
Application information
6.1
VBIAS pin voltage requirements
The bias input is the supply of the internal driving and control circuitry. In order to ensure proper biasing of the N-
channel power element, the bias pin must have a minimum voltage of 2.4 V and 1.6 V (typically) higher than the
output. If VIN supply voltage meets these requirements then the bias pin can be tied to VIN.
6.2
Output discharge function
The LD56050 integrates a MOSFET connected between VOUT and GND. This transistor is activated when the EN
pin goes to low logic level and has the function to quickly discharge the output capacitor when the device is
disabled by the user.
6.3
Short circuit and current limitation
The LD56050 is protected against short-circuit on the output. The load current is limited to the maximum value of
ILIM when VOUT is equal to 90% of its nominal value. If the VOUT decreases even more due to a lower output load
resistance then the foldback circuit starts operating limiting the current to ISC when VOUT = 0.
6.4
Thermal protection
Thermal protection acts when the junction temperature reaches 160 °C typical. At this point the output of the IC
shuts down. As soon as the junction temperature falls below the thermal hysteresis value the device starts
working again.
In order to calculate the maximum power that the device can dissipate, keeping the junction temperature below
the maximum operating value, the following formula is used:
PDMAX = (85 - TAMB) / RthJA
6.5
Input and output capacitors
The LD56050 requires external capacitors to assure the regulator control loop stability.
Any good quality ceramic capacitor can be used but, the X5R and the X7R are suggested since they guarantee a
very stable combination of capacitance and ESR across the temperature range.
Locating the input/output capacitors as close as possible to the relative pins is recommended. The LD56050
requires a VIN capacitor with a minimum value of 1 μF and a VBIAS capacitor of 100 nF minimum. These
capacitors must be located as close as possible to the input pins of the device and returned to a clean analog
ground.
The control loop is designed to be stable with any good quality output ceramic capacitor (such as X5R/X7R types)
with a minimum value of 1.0 μF and equivalent series resistance in the [3 – 300 mΩ] range. It is important to
highlight that the output capacitor must maintain its capacitance and ESR in the stable region over the full
operating temperature, load and input voltage ranges, to assure stability. Therefore, capacitance and ESR
variations must be taken into account in the design phase to ensure the device works in the expected stability
region.
LD56050
Application information
DS12441 - Rev 2
page 8/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com