Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 13Page - STMicroelectronics LD56050 Datasheet HTML 14Page - STMicroelectronics LD56050 Datasheet HTML 15Page - STMicroelectronics LD56050 Datasheet HTML 16Page - STMicroelectronics LD56050 Datasheet HTML 17Page - STMicroelectronics LD56050 Datasheet HTML 18Page - STMicroelectronics LD56050 Datasheet HTML 19Page - STMicroelectronics LD56050 Datasheet HTML 20Page - STMicroelectronics LD56050 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
List of figures
Figure 2.
Block diagram .................................................................... 2
Figure 3.
Pin connection (top view) ............................................................. 3
Figure 4.
Typical application circuit ............................................................. 4
Figure 5.
VDROP vs. temperature (V
BIAS = 2.7 V)
................................................... 9
Figure 6.
VDROP-BIAS vs. temperature (IOUT = 500 mA; VBIAS = VIN) ...................................... 9
Figure 7.
VDROP vs. IOUT (VBIAS = 2.7 V) ......................................................... 9
Figure 8.
VDROP vs. IOUT (VBIAS = VIN) .......................................................... 9
Figure 9.
ISC vs. temperature (VIN = 1.4 V; VBIAS = 2.7 V) ............................................. 9
Figure 10.
ILIM vs. temperature (VIN = 1.4 V; VBIAS = 2.7 V) ............................................. 9
Figure 11.
IBIAS vs. temperature (IOUT = 0 mA; VBIAS = 2.7 V) .......................................... 10
Figure 12.
IBIAS vs. VIN (VBIAS = 2.7 V) .......................................................... 10
Figure 13.
SVRIN vs. frequency (VIN = 1.5 V; VBIAS = 2.7 V; VOUT = 1.05 V) ................................ 10
Figure 14.
SVRBIAS vs. frequency (VIN = 1.5 V; VBIAS = 2.9 V; VOUT = 1.05 V) ............................... 10
Figure 15.
Noise vs. frequency (VIN = 1.5 V; VBIAS = 2.7 V; VOUT = 1.05 V) ................................. 10
Figure 16.
Output voltage vs. junction temperature ................................................. 10
Figure 17.
Turn-on time (IOUT = 1 mA; VBIAS = 2.7 V) ................................................ 11
Figure 18.
Turn-on time at full load (IOUT = 500 mA; VBIAS = 2.7 V)....................................... 11
Figure 19.
Line transient (VBIAS = 2.7 V, VIN from 1.35 V to 2.35 V; tR = 5 µs) ............................... 11
Figure 20.
Load transient (VBIAS = 2.7 V, VIN = 1.35 V; IOUT 1 to 500 mA) .................................. 11
Figure 21.
DFN4 1.2 x 1.2 package outline ....................................................... 13
Figure 22.
DFN4 1.2 x 1.2 recommended footprint .................................................. 14
Figure 23.
DFN4 1.2 x 1.2 tape and reel ......................................................... 15
LD56050
List of figures
DS12441 - Rev 2
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com