Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 4 Page - STMicroelectronics

  LD56050 Datasheet HTML 1Page - STMicroelectronics LD56050 Datasheet HTML 2Page - STMicroelectronics LD56050 Datasheet HTML 3Page - STMicroelectronics LD56050 Datasheet HTML 4Page - STMicroelectronics LD56050 Datasheet HTML 5Page - STMicroelectronics LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
3
Typical application
Figure 4. Typical application circuit
VBIAS
EN
VOUT
GND
CIN
COUT
LD56050
VOUT
VIN
CBIAS
VBIAS
VIN
VEN
Table 2. Typical bill of material
Symbol
Value
Description
Note
CIN
1 µF
Output voltage
Ceramic type
CBIAS
100 nF
Bias supply input
COUT
2.2 µF
Input voltage (power element)
LD56050
Typical application
DS12441 - Rev 2
page 4/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com