Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 3 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 3 Page - STMicroelectronics

  LD56050 Datasheet HTML 1Page - STMicroelectronics LD56050 Datasheet HTML 2Page - STMicroelectronics LD56050 Datasheet HTML 3Page - STMicroelectronics LD56050 Datasheet HTML 4Page - STMicroelectronics LD56050 Datasheet HTML 5Page - STMicroelectronics LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2
Pin configuration
Figure 3. Pin connection (top view)
1
5
4
3
2
Table 1. Pin description
Pin n° DFN8
Symbol
Function
1
VOUT
Output voltage
2
VBIAS
Bias supply input
3
EN
Enable pin logic input: low = shutdown, high = active.
Not internally pulled-up. Don't leave floating.
4
VIN
Input voltage (power element)
5
GND
Common ground
LD56050
Pin configuration
DS12441 - Rev 2
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com