Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics LD56050 Datasheet HTML 10Page - STMicroelectronics LD56050 Datasheet HTML 11Page - STMicroelectronics LD56050 Datasheet HTML 12Page - STMicroelectronics LD56050 Datasheet HTML 13Page - STMicroelectronics LD56050 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Figure 11. IBIAS vs. temperature (IOUT = 0 mA;
VBIAS = 2.7 V)
0
5
10
15
20
25
30
35
40
45
50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
Figure 12. IBIAS vs. VIN (VBIAS = 2.7 V)
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
30
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VIN [V]
Figure 13. SVRIN vs. frequency (VIN = 1.5 V; VBIAS = 2.7 V;
VOUT = 1.05 V)
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency [Hz]
Io=10 mA
Io=50 mA
Io=150 mA
Figure 14. SVRBIAS vs. frequency (VIN = 1.5 V;
VBIAS = 2.9 V; VOUT = 1.05 V)
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency [Hz]
Io=10 mA
Io=50 mA
Io=150 mA
Figure 15. Noise vs. frequency (VIN = 1.5 V; VBIAS = 2.7 V;
VOUT = 1.05 V)
0.01
0.10
1.00
10.00
10
100
1,000
10,000
100,000
Frequency [Hz]
Io=1 mA
Io=10 mA
Figure 16. Output voltage vs. junction temperature
1000
1010
1020
1030
1040
1050
1060
1070
1080
1090
1100
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Junction Temperature [°C]
Iout = 1 mA
Iout = 0.5 A
LD56050
Typical characteristics
DS12441 - Rev 2
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com