Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD56050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 1 Page - STMicroelectronics

  LD56050 Datasheet HTML 1Page - STMicroelectronics LD56050 Datasheet HTML 2Page - STMicroelectronics LD56050 Datasheet HTML 3Page - STMicroelectronics LD56050 Datasheet HTML 4Page - STMicroelectronics LD56050 Datasheet HTML 5Page - STMicroelectronics LD56050 Datasheet HTML 6Page - STMicroelectronics LD56050 Datasheet HTML 7Page - STMicroelectronics LD56050 Datasheet HTML 8Page - STMicroelectronics LD56050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Features
•
Input voltage from 0.8 to 5.5 V
•
Bias supply pin
•
Ultra low-dropout voltage (80 mV typ. at 500 mA load)
•
Low ground current (27 μA typ. at no-load)
•
Output voltage tolerance: ± 1.5% overtemperature, 0.5% at 25 °C
•
500 mA guaranteed output current
•
50 mV output voltage step available from 0.8 V to 3.6 V
•
Logic-controlled electronic shutdown
•
Internal current limit with foldback
•
Thermal shutdown
•
Output active discharge function
•
Available in DFN4 1.2 x 1.2 mm package
•
Temperature range: -40 °C to 85 °C
Applications
•
Mobile phones
•
Tablets
•
Battery-powered systems
•
Camera supply
Description
The LD56050 is a high accuracy voltage regulator, which provides 0.5 A of current. It
is equipped with an NMOS pass transistor, whose gate is biased by a dedicated pin,
thus allowing an ultra low-drop performance even at very low input voltages.
It is available in DFN4 1.2 x 1.2 package, allowing the maximum space saving.
The device is stabilized with a small ceramic capacitor on the output. The ultra low-
drop, low quiescent current and short circuit current foldback make the LD56050
suitable for low power battery-operated applications.
An enable logic control function puts the LD56050 in shutdown mode allowing a total
current consumption lower than 0.1 µA. Thermal protection is also included.
Maturity status link
LD56050
500 mA ultra-low dropout linear regulator with bias supply
LD56050
Datasheet
DS12441 - Rev 2 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LD56050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD56050 STMICROELECTRONICS-LD56050 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LD56050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
Sep-2006
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS720 TI-TPS720_15 Datasheet
1Mb / 31P
TPS720 350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
TPS720 TI1-TPS720_17 Datasheet
1Mb / 33P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720_18 Datasheet
983Kb / 28P
350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
STMicroelectronics
LDLN050 STMICROELECTRONICS-LDLN050 Datasheet
670Kb / 22P
500 mA, high performance low dropout linear regulator
13-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com