Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 4 Page - Power Integrations, Inc.

  DER-96 Datasheet HTML 1Page - Power Integrations, Inc. DER-96 Datasheet HTML 2Page - Power Integrations, Inc. DER-96 Datasheet HTML 3Page - Power Integrations, Inc. DER-96 Datasheet HTML 4Page - Power Integrations, Inc. DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 4 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
1
Introduction
This document is an engineering prototype report describing a VoIP prototype power
supply utilizing DPA423P. The power supply delivers 10 W continuous from an input of
37 to 57 VDC.
The design has been optimized to minimize radiated EMI emissions.
In the EMI section of the report it can be seen that there is a dramatic improvement in
radiated EMI over the existing production DPA423 design.
This document provides complete design information including specification, schematic,
bill of material and transformer design and construction information. The document also
provides performance information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com