Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 1 Page - Power Integrations, Inc.

  DER-96 Datasheet HTML 1Page - Power Integrations, Inc. DER-96 Datasheet HTML 2Page - Power Integrations, Inc. DER-96 Datasheet HTML 3Page - Power Integrations, Inc. DER-96 Datasheet HTML 4Page - Power Integrations, Inc. DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
10 W Power Supply using DPA423P
Specification
Input: 37-57 VDC
Output: 3.3V/2.0A, 5V/200mA, 12V/200mA
Application
VoIP phone
Author
Power Integrations Applications Department
Document
Number
DER-96
Date
September 12, 2005
Revision
1.0
Summary and Features
This document is an engineering prototype report describing a VoIP power supply
utilizing DPA423P.
• Eliminates LM78xx linear-regulators on 5 V
• Low-cost 12 V linear-reg. with short circuit protection provided by main supply
• High Efficiency (> 70% at 48 VDC)
• Low EMI signature (both radiated and conducted emissions)
• Low Parts Count
• Built-in input short circuit protection on all outputs
• Carefully designed for low EMI
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at
www.powerint.com.


Similar Part No. - DER-96

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-92 POWERINT-DER-92 Datasheet
251Kb / 14P
0.5W Non-Isolated Buck-Boost Converter using the LNK302P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
46 W Power Supply using TOP246Y
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
30W Adapter using TOP245Y
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
21.7 W Power Supply using TOP246P
DER-98 POWERINT-DER-98 Datasheet
1Mb / 30P
41W (53Wpk) Power Supply using TOP246Y
More results

Similar Description - DER-96

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-55 POWERINT-DER-55 Datasheet
715Kb / 26P
10.5 W Multi Output Isolated Power Supply using TNY267P
DER-60 POWERINT-DER-60 Datasheet
626Kb / 25P
8.75 W Power Supply using TNY268P
DER-75 POWERINT-DER-75 Datasheet
614Kb / 23P
2.4 W Power Supply using LNK520P
DER-94 POWERINT-DER-94 Datasheet
596Kb / 34P
46 W Power Supply using TOP246Y
DER-97 POWERINT-DER-97 Datasheet
1Mb / 31P
21.7 W Power Supply using TOP246P
DER-99 POWERINT-DER-99 Datasheet
579Kb / 29P
17.4 W Power Supply using TOP244P
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
19.3 W Wide Range Flyback Power Supply using TOP243Y
DER-108 POWERINT-DER-108 Datasheet
974Kb / 19P
7.2 W Dual Output Power Supply using TNY267G
DER-114 POWERINT-DER-114 Datasheet
698Kb / 28P
21 W Standby Power Supply using TNY280P
logo
CUI INC
VDRS-10 CUI-VDRS-10 Datasheet
191Kb / 4P
10 W MINI POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com