Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 9 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
5
Bill Of Materials
Item
Qty.
Ref.
Description
Mfg Part Number
Mfg
1
2 C1 C2
39 uF, 63, Electrolytic, Low ESR, 610
mOhm, (6.3 x 15)
LXZ63VB39RM515LL United Chemi-Con
2
1 C3
470 pF, 100 V, Ceramic, X7R
ECU-S2A471KBA
Panasonic
3
1 C4
22 nF, 100 V, Ceramic, X7R
ECU-S2A223KBA
Panasonic
4
1 C5
470 pF 50 V, Ceramic, X7R, 0603
ECJ-1VC1H471J
Panasonic
5
1 C6
10 uF, 16 V, Electrolytic, Gen. Purpose, (5 x
11)
KME16VB10RM5X11
LL
United Chemi-Con
6
1 C7
220 nF, 25 V, Ceramic, X7R, 0805
ECJ-2YB1E224K
Panasonic
7
1 C8
47 uF, 10 V, Electrolytic, Gen. Purpose, (5 x
11)
KME10VB22RM5X11
LL
United Chemi-Con
8
1 C9
33 uF, 10 V, Electrolytic, Gen. Purpose, (5 x
11)
KME10VB33RM5X11
LL
United Chemi-Con
9
4
C10 C11
C12 C18
680 uF, 10 V, Electrolytic, Very Low ESR,
56 mOhm, (8 x 15)
KZE10VB681MH15LL United Chemi-Con
10
1 C13
220 uF, 10 V, Electrolytic, Very Low ESR,
130 mOhm, (6.3 x 11)
KZE10VB221MF11LL United Chemi-Con
11
1 C14
100 uF, 10 V, Electrolytic, Very Low ESR,
300 mOhm, (5 x 11)
KZE10VB101ME11LL United Chemi-Con
12
1 C15
100 nF, 50 V, Ceramic, X7R, 0805
ECU-V1H221KBN
Panasonic
13
1 C16
330 pF, Ceramic Y1
440LT33
Vishay
14
1 C17
1 uF, 25 V, Ceramic, X7R, 1206
ECJ-3YB1E105K
Panasonic
15
3
C21 C22
C23
100 pF 50 V, Ceramic, X7R, 0603
ECJ-1VC1H101J
Panasonic
16
1 C24
100 nF, 50 V, Ceramic, X7R
ECU-S1H104KBB
Panasonic
17
1 D1
600 V, 1 A, Rectifier, Glass Passivated, 2
us, DO-41
1N4005GP
Vishay
18
3 D2 D3 D4 75 V, 0.15 A, Fast Switching, 4 ns, MELF
LL4148
Diode Inc.
19
1 D6
100 V, 1 A, Schottky, DO-41
SB1100
Fairchild
20
1 D7
60 V, 1.1 A, Schottky, DO-41
11DQ06
International
Rectifier
21
1 D8
40 V, 5 A, Schottky, DO-201AD
SB540
Vishay
22
1 D11
100 V, 1 A, Rectifier, DO-41
1N4002
Vishay
23
3
D12 D13
D15
50 V, 1 A, Rectifier, Glass Passivated, DO-
213AA (MELF)
DL4001
Diodes Inc
24
1 D14
20 V, 1 A, Schottky, DO-41
1N5817
Vishay
25
1 F1
1 A, 250V, Slow, TR5
3,721,100,041
Wickman
26
2
J3 J4
(FL1, FL2) PCB Terminal Hole, 18 AWG
N/A
N/A
27
1 J6
10 Position, Fem/Male (5 x 2 header, Top &
Bot Entry, 0.1 pitch, Vertical
22-28-4100
Molex
28
1 J7
8 Position, Fem/Male (4 x 2) header, Top &



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com