Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  DER-96 Datasheet HTML 1Page - Power Integrations, Inc. DER-96 Datasheet HTML 2Page - Power Integrations, Inc. DER-96 Datasheet HTML 3Page - Power Integrations, Inc. DER-96 Datasheet HTML 4Page - Power Integrations, Inc. DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 5 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
2
Power Supply Specification
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
37
57
VDC
Under-Voltage
VIN_UV
34
VDC
Over-Voltage
VIN_OV
N/A
VDC
Output
Output Voltage 1
VOUT1
3.135
3.3
3.465
V
± 5%
Output Ripple Voltage 1
VRIPPLE1
100
mVp-p
20 MHz bandwidth
Output Current 1
IOUT1
0
2
A
Output Voltage 2
VOUT2
4.75
5
5.25
V
± 5%
Output Ripple Voltage 2
VRIPPLE2
100
mVp-p
20 MHz bandwidth
Output Current 2
IOUT2
0
200
mA
Output Voltage 3
VOUT3
11.4
12
12.6
V
± 5%
Output Ripple Voltage 3
VRIPPLE3
250
mVp-p
20 MHz bandwidth
Output Current 3
IOUT3
0
200
mA
Total Output Power
Average Output Power
POUT1
6.6
W
Average Output Power
POUT2
1
W
Average Output Power
POUT2
2.4
W
Average Output Power
POUT_TOTAL
10
W
Average Output Power
POUT_FAULT
W
Full Load Efficiency
η
70
%
Environmental
Conducted EMI
Meets CISPR22B / EN55022B
Safety
Designed to meet IEC950, UL1950
Class II
Ambient Temperature
TAMB
0
40
oC
Forced airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com