Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. DER-96 Datasheet HTML 12Page - Power Integrations, Inc. DER-96 Datasheet HTML 13Page - Power Integrations, Inc. DER-96 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 10 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Bot Entry, 0.1 pitch, Vertical
29
1 L7
520 uH,xA, Powdered Iron Core, Toroidal, 4
Pin
Custom
Custom
30
1 Q2
NPN, Small Signal BJT, 80 V, 0.5 A, TO-92 MPSA06
Fairchild
31
1 R1
619 k, 1%, 1/8 W, Metal Film, 0805
ERJ-6ENF6193V
Panasonic
32
2 R2 R3
100 k, 5%, 1/4 W, Metal Film, 1206
ERJ-8GEYJ104V
Panasonic
33
1 R4
100 R, 5%, 1/8 W, Metal Film, 0805
ERJ-6GEYJ101V
Panasonic
34
1 R5
10 R, 5%, 1/10 W, Metal Film, 0603
ERJ-3GEYJ106V
Panasonic
35
2 R6 R7
100 R, 5%, 1/10 W, Metal Film, 0603
ERJ-3GEYJ101V
Panasonic
36
1 R8
1 R, 1%, 1/16 W, Metal Film, 0603
ERJ-3EKF1004V
Panasonic
37
2 R9 R15
150 R, 5%, 1/10 W, Metal Film, 0603
ERJ-3GEYJ151V
Panasonic
38
1 R10
8.66 k, 1%, 1/16 W, Metal Film, 0603
ERJ-3EKF8661V
Panasonic
39
1 R11
15.8 k, 1%, 1/4 W, Metal Film, 1206
ERJ-8ENF1582V
Panasonic
40
1 R12
10 k, 1%, 1/8 W, Metal Film, 0805
ERJ-6ENF1002V
Panasonic
41
1 R13
1 k, 5%, 1/10 W, Metal Film, 0603
ERJ-3GEYJ102V
Panasonic
42
1 R20
9.53 k, 1%, 1/4 W, Metal Film, 1206
ERJ-8ENF9531V
Panasonic
43
3
R21 R22
R23
10 R, 5%, 1/10 W, Metal Film, 0603
ERJ-3GEYJ100V
Panasonic
44
0 R24 *NP
1.5 k, 5%, 1/8 W, Metal Film, 0805
ERJ-6GEYJ152V
Panasonic
45
0 R25 *NP
150 k, 1%, 1/16 W, Metal Film, 0603
ERJ-3EKF1503V
Panasonic
46
1 R26
1 R, 5%, 1/8 W, Metal Film, 0805
ERJ-6GEYJ1R0V
Panasonic
47
1 R27
26.1 k, 1%, 1/4 W, Metal Film
MFR-25FBF-26K1
Yageo
48
1 R28
10 k, 1%, 1/4 W, Metal Film
MFR-25FBF-10K0
Yageo
49
1 R29
3.3 k, 5%, 1/8 W, Carbon Film
CFR-12JB-3K3
Yageo
50
1 T1
Bobbin, EFD20, Horizontal, 8 pins
YW-272-03B
Yih-Hwa
Enterprises
51
1 U1
DPA-Switch, DPA423P, DIP-8
DPA423P
Power Integrations
52
1 U2
Opto coupler, 35 V, CTR 80-160%, 4-DIP
ISP817A, PC817X1
Isocom, Sharp
53
1 U3
2.495 V Shunt Regulator IC, 2%, -40 to
85C, SOT23
LM431AIM
National
Semiconductor
54
1 U4
2.495 V Shunt Regulator IC, 2%, 0 to 70C,
TO-92
TL431CLP
Texas Instruments
68 Total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com