Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DER-96 Datasheet HTML 3Page - Power Integrations, Inc. DER-96 Datasheet HTML 4Page - Power Integrations, Inc. DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. DER-96 Datasheet HTML 10Page - Power Integrations, Inc. DER-96 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 7 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
4
Circuit Operation
4.1
General
The power supply uses a DPA423 device (U1), with integrated MOSFET and controller,
in an isolated flyback configuration. The circuit also uses the under-voltage shutdown
feature of the device along with current limit setting to minimize transformer size. The
device operates at a switching frequency of 300 kHz.
4.2
Description
The input fuse F1 protects the supply against catastrophic failure – although the built-in
protection features of the DPA-Switch should render this redundant.
The components C1, C2 and L7 form a pi-filter to limit both conducted and radiated EMI
emissions. These components work to limit EMI emissions in conjunction with y-capacitor
C16 and the shielding in the transformer. Resistor R1 programs the input under voltage
startup threshold (and over voltage shutdown voltage). Diode D1, R7, C4, R2, and R3
implement an RCD clamp circuit to limit the leakage inductance spike on the Drain pin.
Capacitor C3 and resistor R4 implement a snubber to limit high frequency ringing on the
due to drain switching. Diode D2, R5 and C6 implement a bias voltage supply to provide
operating power to the DPA-Switch (U4) with integrated PWM, controller and main
switching MOSFET. Resistor R6 and C5 provide diode snubber for D2. Resistor R20
programs the current limit of the DPA-Switch.
Capacitors C7 and C8 provide device
decoupling with C8 also program the startup and auto-restart period of the device.
Resistor R8 provides feedback compensation in conjunction with C8. The inductance of
transformer T1 provides the energy storage and conversion component of the circuit.
The 3.3 V output is rectified and filtered by diode D8 and capacitors C10, C11 with C12
provided output decoupling. The 5 V output is DC-stacked on the regulated DC output of
3.3 V and is rectified and filtered by diode D6 and capacitors C13 with capacitor C18
providing output decoupling. The 12 V output is AC-stacked on the 5 V transformer
winding and is rectified and filtered by diode D7 and capacitor C14 with capacitor C17
providing output decoupling. Transistor Q2 and components R15, R26, R27, R28, C24,
U4 implement a linear regulator to eliminate peak charging voltage from the 12 V output.
Resistor R26, D12, D13 and D14 all form pre-load networks between the outputs to
improve cross-regulation.
Components R21, C21, R22, C22, R23 and C23 provide
snubbing on output diodes. Diode pulls down the 5 V output when 12 V output is shorted
thus forcing DPA-switch auto-restart. Using this diode removes the need for short-circuit
protection in the 12 V linear regulator circuit.
Resistors R11 and R10 sense the voltages on 5 V and 3.3 V outputs respectively. In
conjunction with R12 they provide the input signal for the LM431 (U3) reference.
Components R13 and C15 provide compensation for U3, to make sure that it’s frequency
response is limited only to low-frequency signals.
Resistor R9 programs the high-
frequency gain of the control loop and with opto-diode U2A transmits the feedback signal.
Diode D3 and C9 provide a soft-finish circuit to limit output overshoot at startup. Diode D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com