Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DER-96 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DER-96
Description  10 W Power Supply using DPA423P
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DER-96 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DER-96 Datasheet HTML 1Page - Power Integrations, Inc. DER-96 Datasheet HTML 2Page - Power Integrations, Inc. DER-96 Datasheet HTML 3Page - Power Integrations, Inc. DER-96 Datasheet HTML 4Page - Power Integrations, Inc. DER-96 Datasheet HTML 5Page - Power Integrations, Inc. DER-96 Datasheet HTML 6Page - Power Integrations, Inc. DER-96 Datasheet HTML 7Page - Power Integrations, Inc. DER-96 Datasheet HTML 8Page - Power Integrations, Inc. DER-96 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DER-96
10 W VoIP
September 12, 2005
Page 2 of 33
CONFIDENTIAL
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction................................................................................................................. 4
2
Power Supply Specification ........................................................................................ 5
3
Schematic................................................................................................................... 6
4
Circuit Operation ........................................................................................................ 7
4.1
General ............................................................................................................... 7
4.2
Description .......................................................................................................... 7
5
BOM ........................................................................... Error! Bookmark not defined.
6
Layout....................................................................................................................... 11
7
Transformer Design Spreadsheet ............................................................................ 12
8
Transformer Specification......................................................................................... 14
8.1
Transformer Winding......................................................................................... 14
8.2
Electrical Specifications..................................................................................... 14
8.3
Materials............................................................................................................ 14
8.4
Transformer Build Diagram ............................................................................... 15
8.5
Transformer Construction.................................................................................. 15
8.5.1
WD#3 Copper Foil build diagram: .............................................................. 16
9
Inductor Specification ............................................................................................... 17
9.1
Inductor Winding ............................................................................................... 17
9.2
Electrical Specifications..................................................................................... 17
9.3
Materials............................................................................................................ 17
9.4
Inductor Footprint Diagram................................................................................ 18
9.5
Inductor Construction ........................................................................................ 18
10
Performance ......................................................................................................... 19
10.1
Efficiency........................................................................................................... 19
10.2
Regulation vs. Load........................................................................................... 20
10.3
Regulation vs. Load........................................................................................... 21
10.4
Raw Performance Data ..................................................................................... 22
10.5
Thermal Performance........................................................................................ 24
11
Waveforms............................................................................................................ 25
11.1
Drain Current and Voltage................................................................................. 25
11.2
Output Transient Load Response ..................................................................... 26
11.3
Output Ripple Voltage ....................................................................................... 27
11.4
Output Voltage Start-up Profile ......................................................................... 28
12
Conducted EMI ..................................................................................................... 30
12.1
230V High Line EMI .......................................................................................... 30
13
Radiated EMI scans.............................................................................................. 31
14
Revision History .................................................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com