Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 24Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 25Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 26Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 27Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 28Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 29Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
13 Operating range and current consumption
13.1 Supply voltage
Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP from 5.5 V to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Device power supply
VSUP
Device input supply voltage
VSUP_UVH
-
40
V
VSUP_OV
VSUP overvoltage threshold
20
-
22
V
VSUP_UVHL
VSUP undervoltage rising threshold, low configuration
VSUP_UVTH_OTP = 0
4.5
4.7
4.9
V
VSUP_UVHH
VSUP undervoltage rising threshold, high configuration
VSUP_UVTH_OTP = 1
5.5
5.7
5.9
V
VSUP_UVLL
VSUP undervoltage falling threshold (VSUP_4P7_I
flag)
4.5
4.7
4.9
V
VSUP_UVLH
VSUP undervoltage falling threshold (VSUP_5P7_I
flag)
5.5
5.7
5.9
V
TSUP_OV
VSUP_OV filtering time
6
10
15
us
TSUP_UV
VSUP_UVL filtering time
6
10
15
us
Internal digital supply
VDIG
Device digital supply voltage
1.55
1.6
1.65
V
VDIG_OV
VDIG overvoltage threshold
1.85
2
2.15
V
TDIG_OV
VDIG_OV filtering time
0.13
1
3.1
us
VDIG_POR
VDIG power-on reset threshold on falling edge
1.35
1.41
1.47
V
TDIG_POR
VDIG_POR filtering time
0.13
1
3.1
us
Interface supply pins
VDDIO
VDDIO supply voltage range
1.8
-
5.5
V
Table 10. Supply voltage
The VSUP_OV comparator triggers a flag in the SPI mapping for MCU diagnostic to indicate a load dump
happened but has no direct action to the safety pins (RSTB, LIMP0).
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
28 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com