Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 29Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
14.1.2.3 Pseudo-random modulation
The pseudo-random triangular spread spectrum is activated in the M_SYS_CFG SPI register by setting the
MOD_EN bit high and the MOD_CONF bit high. In this configuration, the internal oscillator is modulated with a
triangular carrier frequency of 19 kHz with ±10 % deviation range of the nominal oscillator frequency, but two
random commutations on the carrier slope are added in each half period to increase the spectrum content.
aaa-051567
20 MHz + 10 %
20 MHz - 10 %
No modulation
(20 MHz)
f
t
Same slope as
triangular modulation
Pseudo random commutation
Figure 20. Pseudo-random modulation
14.1.3 Application schematic
aaa-046842
CBOOT_BUCK
C1_IN_BUCK
C1_OUT_BUCK
LV1_BUCK
V1
V1_IN
V1 - HVBUCK
Figure 21. HVBUCK schematic with connection to V1_IN
14.1.4 Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VBUCK + VHDR < V1_IN pin voltage < 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Static electrical characteristics
VBUCK_IN_STUP
Input voltage range during startup
4.6
-
36
V
VBUCK_IN
Input voltage range (after startup)
With VBOS = 5 V
(Vout+(Max(RLS_
BUCK)+Max(RDCR_
LBUCK))*IBUCK
)/0.905
-
36
V
VBUCK
Output voltage in :
• Normal mode using VV1_BUCK_OTP and VV1_BUCK_RANGE_
OTP OTP registers)
• Low-power on mode using VV1_LP_BUCK_OTP and VV1_
BUCK_RANGE_OTP OTP registers)
1.9
-
5
V
Table 13. Electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
33 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com