Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 40Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 41Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 42Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 43Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = –40 °C to 115 °C, unless otherwise specified. V3_IN = VSUP = 5.5 V to 40 V if V3 = 5 V, or V3_IN = VSUP = 4 V to 40 V if V3 = 3.3 V,
unless otherwise specified. ILDO3 = 0 mA to 150 mA unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VLDO3_LINE_REG_NORMAL
Transient Line Response in Normal mode
VSUP = 6 V - 18 V - 6 V and 14 V - 35 V - 14 V
ILDO3 = 0.1 mA and 35 mA
VLDO3 = 3.3 V and 5 V
dv/dt = 100 mV/µs, COUT_LDO3 = 2.2 μF
-3
-
3
%
VLDO3_LTR_NORMAL
Transient Load Regulation in Normal mode
ILDO3 = 10 mA to 50 mA in 10 µs, and from 50 mA to 10 mA
in 10 µs,
VLDO3 = 5 V, COUT_LDO3 = 2.2 μF
-2
-
2
%
VLDO3_PSRR
DC PSRR
ILDO3 = 0.1 mA to 100 mA, LDO3 = 3.3 V or 5 V, VDROP =
500 mV (min), 20 Hz to 500 kHz
-
-40
-20
dB
External Components
CIN_LDO3
Input capacitor (close to V3_IN pin)
-
1.0
-
µF
COUT_LDO3
Effective output capacitor
1.3
-
10
µF
Table 15. Electrical characteristics...continued
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
40 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com