Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 9Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
4.2 Part numbers list
Generic
part number
Description
Fit for
ASIL
LDT
RSTB
LIMP0
VMON
(1, 3)
VMON_EXT
(VMON0)
Watchdog
Cyclic INIT
CRC check
RSTB
8 sec timer
ABIST
Package
FS2400M[1]
QM without
LDT
QM
No
Yes
Option
Yes
No
Option
No
No
No
HVQFN32
FS2401M[1]
QM with LDT
QM
Yes
Yes
Option
Yes
No
Option
No
No
No
HVQFN32
FS2400B[1]
ASIL B
without LDT
B
No
Yes
Option
Yes
Option
Yes
Yes
Yes
Yes
HVQFN32
FS2401B[1]
ASIL B
with LDT
B
Yes
Yes
Option
Yes
Option
Yes
Yes
Yes
Yes
HVQFN32
Table 1. Device segmentation
[1]
Exact orderable part numbers are defined in Table 2.
Part number[1]
Description
Package
MFS2400AVMA0ES[2]
Superset covering FS2400M devices.
MFS2401AVMA0ES[2]
Superset covering FS24001M devices.
MFS2400AVBA0ES[2]
Superset covering FS2400B devices.
MFS2401AVBA0ES[2]
Superset covering FS2401B devices.
MFS2400AVMA1ES
Configuration given as an example for Ranger 5 attach, V1 at 3.3 V and V3 at 5 V. QM, LDT disabled.
MFS2401AVBA1ES
Configuration given as an example for Ranger 5 attach, V1 at 3.3 V and V3 at 5 V. ASIL B, LDT enabled.
MFS2401AVMAFES
Configuration given as an example for S32K1xx + NCF3321 attach, V1 at 5 V and V3 at 3.3 V. QM, LDT enabled.
HVQFN32EP
Table 2. Orderable part numbers
[1]
To order parts in tape and reel, add the R2 suffix to the full part number reference.
[2]
A0 parts are non-programmed OTP configurations. Preprogrammed OTP configurations are managed through part number extension. For a custom OTP
configuration, please contact a local NXP sales representative.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
6 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com