Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 79Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 80Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 81Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 82Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
20.1.1 Cyclic redundant check
An 8-bit CRC is required for each write and read SPI command. Computation of a cyclic-redundancy
check is derived from the mathematics of polynomial division, modulo two. The CRC polynomial used is
x^8+x^4+x^3+x^2+1 (identified by 0x1D) with a seed value of hexadecimal '0xFF'.
Figure 47 is an example of CRC encoding HW implementation:
aaa-046864
T
T
T
T
T
T
T
T
C0
1*1
0*X
1*X2
1*X3
1*X4
0*X5
0*X6
0*X7
1*X8
C1
C2
C3
C4
C5
C6
C7
Input
Data
+
+
+
+
Figure 47. CRC encoder example
The effect of CRC encoding procedure is shown in Table 53. The seed value is appended into the most
significant bits of the shift register.
Seed
Register address
Read/Write
Data_MSB
Data_LSB
0xFF
Bits[31:25]
Bit[24]
Bits[23:16]
Bits[15:8]
Table 53. Data preparation for CRC encoding
Seed
…
… padded with the message to encode
… padded with 8 zeros
Table 54. Data preparation for CRC encoding
1. Using a serial CRC calculation method, the transmitter rotates the seed and data into the least significant
bits of the shift register.
2. During the serial CRC calculation, the seed and the data bits are XOR compared with the polynomial data
bits. When the MSB is logic 1, the comparison result is loaded in the register, otherwise the data bits are
simply shifted.
Note: The 32-bits message to be processed must have the bits corresponding to the CRC byte all equal to
zero (00000000).
3. Once the CRC is calculated, it replaces the CRC byte initially set to all zeros and is transmitted.
Use the following steps for CRC decoding:
Procedure for CRC decoding
1. The seed value is loaded into the most significant bits of the receive register.
2. Using a serial CRC calculation method, the receiver rotates the received message and CRC into the least
significant bits of the shift register in the order received (MSB first).
3. When the calculation on the last bit of the CRC is rotated into the shift register, the shift register contains the
CRC check result.
• If the shift register contains all zeros, the CRC is correct.
• If the shift register contains a value other than zero, the CRC is incorrect.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
79 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com