Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MFS2401AVBA0ES Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MFS2401AVBA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVBA0ES Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MFS2401AVBA0ES Datasheet HTML 28Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 29Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVBA0ES Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Dynamic output voltage scaling
The HVBUCK output voltage can be modified while running by using the dynamic voltage scaling (DVS)
function to adapt to the supplied device needs. This is done by setting the bits of the M_REG2_CTRL SPI
register.
14.1.2 HVBUCK clock management
14.1.2.1 Description
The HVBUCK oscillator 20 MHz frequency can be modulated with a triangular or pseudo-random carrier
frequency of 19 kHz, with a ±10 % deviation range around the oscillator frequency. The spread-spectrum
feature can be selected by SPI. The MOD_EN bit enables the spread-spectrum feature and the MOD_CONF
bit selects the triangular or pseudo-random modulation. These two bits are in the M_SYS_CFG SPI register. By
default, the spread-spectrum feature is configured following the OTP configuration.
The main purpose of the spread-spectrum feature is to improve EMC performance by spreading out the energy
of the HVBUCK switching frequency.
14.1.2.2 Spread spectrum
Triangular spread spectrum
The triangular spread spectrum is activated in the M_SYS_CFG SPI register by setting the MOD_EN bit high
and the MOD_CONF bit low. In this configuration, the internal oscillator is modulated with a triangular carrier
frequency of 19 kHz with a ±10 % deviation range of the nominal oscillator frequency.
aaa-051566
20 MHz + 10 %
20 MHz - 10 %
No modulation
(20 MHz)
f
t
52.6 µs (19 kHz)
Figure 18. Triangular modulation
Pseudo-random spread spectrum
The pseudo-random triangular spread spectrum is activated in the M_SYS_CFG SPI register by setting the
MOD_EN bit high and the MOD_CONF bit high. In this configuration, the internal oscillator is modulated with a
triangular carrier frequency of 19 kHz with ±10 % deviation range of the nominal oscillator frequency, but two
random commutations on the carrier slope are added in each half period to increase the spectrum content.
aaa-051567
20 MHz + 10 %
20 MHz - 10 %
No modulation
(20 MHz)
f
t
Same slope as
triangular modulation
Pseudo random commutation
Figure 19. Pseudo-random modulation
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
32 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com